Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1177BEUP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1177BEUP
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1177BEUP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1177BEUP Datasheet HTML 3Page - Maxim Integrated Products MAX1177BEUP Datasheet HTML 4Page - Maxim Integrated Products MAX1177BEUP Datasheet HTML 5Page - Maxim Integrated Products MAX1177BEUP Datasheet HTML 6Page - Maxim Integrated Products MAX1177BEUP Datasheet HTML 7Page - Maxim Integrated Products MAX1177BEUP Datasheet HTML 8Page - Maxim Integrated Products MAX1177BEUP Datasheet HTML 9Page - Maxim Integrated Products MAX1177BEUP Datasheet HTML 10Page - Maxim Integrated Products MAX1177BEUP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
Converter Operation
The MAX1177 uses a successive-approximation (SAR)
conversion technique with an inherent track-and-hold
(T/H) stage to convert an analog input into a 16-bit digital
output. Parallel outputs provide a high-speed interface to
microprocessors (µPs). The Functional Diagram shows a
simplified internal architecture of the MAX1177. Figure 3
shows a typical operating circuit for the MAX1177.
Analog Input
Input Scaler
The MAX1177 has an input scaler, which allows conver-
sion of input voltages ranging from 0 to 10V, while oper-
ating from a single +5V analog supply. The input scaler
attenuates and shifts the analog input to match the input
range of the internal digital-to-analog converter (DAC).
Figure 4 shows the equivalent input circuit of the
MAX1177. This circuit limits the current going into AIN to
less than 2mA.
Track and Hold (T/H)
In track mode, the internal hold capacitor acquires the
analog signal (Figure 4). In hold mode, the T/H switches
open and the capacitive DAC samples the analog input.
During the acquisition, the analog input (AIN) charges
capacitor CHOLD. The acquisition ends on the second
falling edge of CS. At this instant, the T/H switches
open. The retained charge on CHOLD represents a sam-
ple of the input. In hold mode, the capacitive DAC
adjusts during the remainder of the conversion time to
restore node T/H OUT to zero within the limits of 16-bit
resolution. Force CS low to put valid data on the bus
after conversion is complete.
16-Bit, 135ksps, Single-Supply ADC
with 0 to 10V Input Range
_______________________________________________________________________________________
7
DGND
1mA
CLOAD = 20pF
DO–D15
DO–D15
CLOAD = 20pF
1mA
DGND
DVDD
a) HIGH-Z TO VOH,
VOL TO VOH, AND
VOH TO HIGH-Z
b) HIGH-Z TO VOL,
VOH TO VOL, AND
VOL TO HIGH-Z
Figure 1. Load Circuits
CS
R/C
REF POWER-
DOWN CONTROL
EOC
tACQ
tCONV
tCSH
tCSL
tDH
tDO
tEOC
tDS
tDV
HBEN
D7/D15–D0/D8
HIGH/LOW
BYTE VALID
HIGH/LOW
BYTE VALID
tDO
tDO1
HIGH-Z
tBR
HIGH-Z
Figure 2. MAX1177 Timing Diagram


Similar Part No. - MAX1177BEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1177BEUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
logo
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
   Wide Input Supply Range: 10V to 40V
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com