Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NTE1507 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1507
Description  Integrated Circuit 10-Step Adjustable Analog Level Detector
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 2 page
background image
Recommended Operating Conditions:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC1
10.8
12.0
13.2
V
VCC2
10.0
25.0
35.0
V
Cascade Input Voltage (When not at GND)
1
8
V
Output Current
IO
25
mA
Operating Ambient Temperature
TA
0
70
°C
Electrical Characteristics: (TA = 0° to +70°C, Pin5 at GND, Pin6 Open, Note 2 unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Positive–Going Threshold Voltage at Input A
Switching Q1
VT+
TA = +25°C
125
200
275
mV
Switching Q2
325
400
475
mV
Switching Q3
525
600
675
mV
Switching Q4
725
800
875
mV
Switching Q5
925
1000
1075
mV
Switching Q6
1125
1200
1275
mV
Switching Q7
1325
1400
1475
mV
Switching Q8
1525
1600
1675
mV
Switching Q9
1725
1800
1875
mV
Switching Q10
1925
2000
2075
mV
Input Hysteresis
VT+ – VT–
10
mV
High–Level (On–State) Output Voltage
VOH
IOH = –10mA
VCC2–1.3
VCC2–0.8
V
IOH = –25mA
VCC2–1.5
VCC2–0.9
V
Low–Level (Off–State) Output Current
IOL
VCC2 = 35V
0.5
200
µA
Input Current
Analog Input
IL
VI = 2V
260
400
µA
Cascade Input
1000
1700
µA
Supply Current from VCC1
All Outputs High
ICC
VCC1 = 12V, No Load
15
25
mA
All Outputs Low
9
15
mA
Supply Current from VCC2
All Outputs High
VCC1 = 12V,
15
27
mA
All Outputs Low
CC1
VCC2 = 35V, No Load
1
200
µA
Note 2. All typical values are at VCC1 = 12V, VCC2 = 25V, and TA = +25°C.




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TL490C10-STEP ADJUSTABLE ANALOG LEVEL DETECTOR 1 2 3 4 Texas Instruments
NTE747Integrated Circuit Low Level Video Detector 1 2 NTE Electronics
NTE956Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1 2 NTE Electronics
UPC1270HBIPOLAR ANALOG INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
EM4094Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station 1 EM Microelectronic - MARIN SA
NTE957Integrated Circuit 3-Terminal Adjustable Negative Voltage Regulator 1 2 NTE Electronics
UPC1883BIPOLAR ANALOG INTEGRATED CIRCUIT 1 2 3 4 NEC
UPC3227TBBIPOLAR ANALOG INTEGRATED CIRCUIT 1 2 3 4 5 MoreCalifornia Eastern Labs
NTE1161Integrated Circuit TV Video/Sound IF Amp Detector 1 2 3 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl