Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC1286 Datasheet(PDF) 3 Page - First Components International

Part # FC1286
Description  1.5A Ultra Low Dropout Positive Adjustable Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC1286 Datasheet(HTML) 3 Page - First Components International

  FC1286 Datasheet HTML 1Page - First Components International FC1286 Datasheet HTML 2Page - First Components International FC1286 Datasheet HTML 3Page - First Components International FC1286 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Functional Description
Introduction
The
FC1286 regulator is 5-terminal device designed specifically to provide extremely low dropout voltage comparable to
the PNP type without the disadvantage of the extra power dissipation due to the base current associated with PNP
regulators. This is done by bringing out the control pin of the regulator that provides the base current to the power NPN and
connecting it to a voltage that is greater than the voltage present at the Vin pin. This flexibility makes the
F5U1286 ideal for
applications where dual inputs are available such as a computer motherboard with an ATX style power supply that provides
5V and 3.3V to the board. One such application is the new graphic chip sets that require anywhere from 2.4V to 2.7V
supply. The
FC1286-ADJ can easily be programmed with the addition of two external resistors to any voltages within the
range of 1.25V to 15.5V. Another major requirement of these graphic chips is the need to switch the load current from zero
to several amps in tens of nanoseconds at the processor pins, which translates to an approximately 300 to 500ns of current
step at the regulator. In addition, the output voltage tolerances are also extremely tight and they include the transient
response as part of the specification.
The
FC1286 is specifically designed to meet the fast current transient needs as well as providing an accurate initial
voltage, reducing the overall system cost with the need for fewer number of output capacitors. Another feature of the device
is its true remote sensing capability that allows accurate voltage setting at the load rather than at the device.
Output Voltage Setting
The
FC1286-ADJ can be programmed to any voltage in the range of 1.25V to 15.5V with the addition of R1 and R2
external resistors according to the following formula:
The
FC1286-ADJ keeps a constant 1.25V between the Vsense pin and the Adj pin. By placing a resistor R1 across these
two pins and connecting the Vsense and Vout pin together, a constant current flows through R1, adding to the Iadj current
and into the R2 resistor producing a voltage equal to the (1.25/R1)*R2+Iadj*R2. This voltage is then added to the 1.25V to
set the output voltage. This is summarized in the above equation.
Since the minimum load current requirement of the
FC1286-ADJ is 10mA, R1 is typically selected to be 121 resistor so
that it automatically satisfies this condition. Notice that since Iadj is typically in the range of 50uA it only adds a small error
to the output voltage and should only be considered when a very precise output voltage setting is required.
Load Regulation
Since the
FC1286 has separate pins for the output (Vout) and the sense (Vsense), it is ideal for providing true remote
sensing of output voltage at the load. This means that the voltage drops due to parasitic resistance such PCB traces
between the regulator and the load are compensated for using remote sensing. Figure following shows a typical application
of the
FC1286-ADJ with remote sensing.
FC1286-ADJ
FC1286-ADJ
FC1286-XX 1.5A Ultra Low Dropout Positive Adjustable Regulator


Similar Part No. - FC1286

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC128 SANYO-FC128 Datasheet
37Kb / 2P
   NPN Epitaxial Planar Silicon Composite Transistor Switching Applications (with Bias Resistance)
More results

Similar Description - FC1286

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
GTM CORPORATION
G5E1286 GTM-G5E1286 Datasheet
299Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1086 DIODES-AP1086_10 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE
DS31028 Rev. 6 - 2
logo
Taiwan Semiconductor Co...
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com