Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX107 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX107
Description  Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 4 page
background image
Dual, 6-Bit, 400Msps ADC with On-Chip,
Wideband Input Amplifier
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVCC = AVCCI = AVCCQ = AVCCR = +5V, OVCCI = OVCCQ = +3.3V, AGND = AGNDI = AGNDQ = AGNDR = 0, OGNDI = OGNDQ
= 0, fCLK = 401.408MHz, CL = 1µF to AGND at REF, RL = 100
Ω ±1% applied to digital LVDS outputs, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential
35
36.7
fIN = 124.999MHz at
-0.5dB FS (Note 9)
Single-ended
36.7
Signal-to-Noise Plus Distortion
Ratio
SINAD
fIN = 200.067MHz at
-0.5dB FS
Differential
36
dB
Two-Tone Intermodulation
TTIMD
fIN1 = 100.009MHz, fIN2 = 102.067MHz at
-7dBFS
-55
dBc
Crosstalk Between ADCs
XTLK
fINI = 200.0180MHz, fINQ = 210.0140MHz
at -0.5dB FS
-70
dB
Gain Match Between ADCs
GM
(Note 12)
-0.3
±0.04
+0.3
dB
Phase Match Between ADCs
PM
(Note 12)
-2
±0.2
+2
deg
Metastable Error Rate
Less than 1 in 10
16
Clock
Cycles
POWER REQUIREMENTS
Analog Supply Voltage
AVCC_
AVCC = AVCCI = AVCCQ = AVCCR5
±5%
V
Digital Supply Voltage
OVCC_
OVCC I = OVCC Q
3.3
±10%
V
Analog Supply Current
ICC
ICC = AICC R + AICC I + AICC Q + AICC
250
320
mA
Output Supply Current
OICC
OICC = OICC I + OICC Q
400
510
mA
Analog Power Dissipation
PDISS
2.6
W
Common-Mode Rejection Ratio
CMRR
VIN_+ = VIN_- =
±0.1V (Note 6)
40
60
dB
Power-Supply Rejection Ratio
PSRR
AVCC = AVCC I = AVCC Q = AVCC R =
+4.75V to +5.25V (Note 7)
40
57
dB
TIMING CHARACTERISTICS
Maximum Sample Rate
fMAX
400
Msps
Clock Pulse Width Low
tPWL
1.25
ns
Clock Pulse Width High
tPWH
1.25
ns
Aperture Delay
tAD
100
ps
Aperture Jitter
tAJ
1.5
psRMS
CLK-to-DREADY Propagation
Delay
tPD1
(Note 13)
1.5
ns
DREADY-to-DATA
Propagation Delay
tPD2
(Notes 5, 13)
0
120
300
ps




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2613Dual Wideband High Output Current Operational Amplifier with Current Limit 1 2 3 4 5 MoreTI store
VCA2619Dual Variable Gain Amplifier with Input Buffer 1 2 3 4 5 MoreBurr-Brown (TI)
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2680Dual Wideband Voltage Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2681Dual Wideband Current Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2682Dual Wideband Fixed Gain BUFFER AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
CA3240Dual 4.5MHz BiMOS Operational Amplifier with MOSFET Input/Bipolar Output 1 2 3 4 5 MoreIntersil Corporation
HS-22620RHRad Hard Dual Wideband High Input Impedance Uncompensated Operational Amplifier 1 2 3 4 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl