Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX107 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX107
Description  Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX107 is a dual, 6-bit, analog-to-digital converter
(ADC) designed to allow fast and precise digitizing of in-
phase (I) and quadrature (Q) baseband signals. The
MAX107 converts the analog signals of both I and Q
components to digital outputs at 400Msps while achiev-
ing a signal-to-noise ratio (SNR) of typically 37dB with
an input frequency of 125MHz, and an integral nonlin-
earity (INL) and differential nonlinearity (DNL) of ±0.25
LSB. The MAX107 analog input preamplifiers feature a
400MHz, -0.5dB, and a 1.5GHz, -3dB analog input
bandwidth. Matching channel-to-channel performance
is typically 0.04dB gain, 0.1LSB offset, and 0.2 degrees
phase. Dynamic performance is 36.7dB signal-to-noise
plus distortion (SINAD) with a 125MHz analog input sig-
nal and a sampling speed of 400MHz. A fully differential
comparator design and encoding circuits reduce out-of-
sequence errors, and ensure excellent metastable per-
formance of only one error per 10
16 clock cycles.
In addition, the MAX107 provides LVDS digital outputs
with an internal 6:12 demultiplexer that reduces the out-
put data rate to one-half the sample clock rate. Data is
output in two’s complement format. The MAX107 oper-
ates from a +5V analog supply and the LVDS output
ports operate at +3.3V. The data converter’s typical
power dissipation is 2.6W. The device is packaged in
an 80-pin, TQFP package with exposed paddle, and is
specified for the extended (-40°C to +85°C) tempera-
ture range. For a higher-speed, 800Msps version of the
MAX107, please refer to the MAX105 data sheet.
Applications
VSAT Receivers
WLANs
Test Instrumentation
Communications Systems
Features
o Two Matched 6-Bit, 400Msps ADCs
o Excellent Dynamic Performance
36.7dB SINAD at fIN
≈ 125MHz and
fCLK
≈ 400MHz
o Typical INL and DNL: ±0.25LSB
o Channel-to-Channel Phase Matching: ±0.2°
o Channel-to-Channel Gain Matching: ±0.04dB
o 6:12 Demultiplexer reduces the Data Rates to
200MHz
o Low Error Rate: 1016 Metastable States at
400Msps
o LVDS Digital Outputs in Two’s Complement
Format
Dual, 6-Bit, 400Msps ADC with On-Chip,
Wideband Input Amplifier
________________________________________________________________ Maxim Integrated Products
1
REF
I
PRIMARY
PORT
I
AUXILIARY
PORT
Q
PRIMARY
PORT
Q
AUXILIARY
PORT
I ADC
Q ADC
MAX107
Block Diagram
19-2007; Rev 0; 5/01
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX107ECS
-40°C to +85°C
80-Pin TQFP-EP
Pin Configuration appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2613Dual Wideband High Output Current Operational Amplifier with Current Limit 1 2 3 4 5 MoreTI store
VCA2619Dual Variable Gain Amplifier with Input Buffer 1 2 3 4 5 MoreBurr-Brown (TI)
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2680Dual Wideband Voltage Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2681Dual Wideband Current Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2682Dual Wideband Fixed Gain BUFFER AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
CA3240Dual 4.5MHz BiMOS Operational Amplifier with MOSFET Input/Bipolar Output 1 2 3 4 5 MoreIntersil Corporation
HS-22620RHRad Hard Dual Wideband High Input Impedance Uncompensated Operational Amplifier 1 2 3 4 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl