Electronic Components Datasheet Search |
|
M2020 Datasheet(PDF) 10 Page - Integrated Circuit Systems |
|
M2020 Datasheet(HTML) 10 Page - Integrated Circuit Systems |
10 / 10 page M2020/21 Datasheet Rev 1.0 10 of 10 Revised 30Jul2004 I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0 Integrated Circuit Systems, Inc. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments. M2020/21 VCSO BASED CLOCK PLL Pr oduct Da ta Shee t DEVICE PACKAGE - 9 x 9mm CERAMIC LEADLESS CHIP CARRIER Mechanical Dimensions: Figure 8: Device Package - 9 x 9mm Ceramic Leadless Chip Carrier ORDERING INFORMATION Part Numbering Scheme Figure 9: Part Numbering Scheme Standard VCSO Output Frequencies (MHz)* Consult ICS for the availability of other VCSO frequencies. Refer to the M2020/21 product web page at www.icst.com/products/summary/m2020-2021.htm for recommended PCB footprint, solder mask, furnace profile, and related information. Part Number: M202x- yz - xxx.xxxx VCSO Frequency (MHz) “ - ” = 0 to +70 oC (commercial) See Table 12, right. Consult ICS for other frequencies. I = - 40 to +85 oC (industrial) Temperature Frequency Input Divider Option Output type 1 = LVPECL Hitless Switching / Phase Build-out Options 1 = none 2 = Hitless Switching (For CML or LVDS clock output, consult factory) 3 = Hitless Switching with Phase Build-out 0 = Mfin Divider selections of: 32, 8, 4, or 1 1 = Mfin Divider selections of: 16, 8, 4, or 1 622.0800 669.3120 625.0000 669.3266 627.3296 670.8386 644.5313 672.1600 666.5143 690.5692 669.1281 669.3120 Table 12: Standard VCSO Output Frequencies Note *: Fout can equal Fvcso divided by: 1, 4, 8, or 32 Example Part Numbers VCSO Frequency (MHz) Temperature Order Part Number 622.08 commercial M2020-11 - 622.0800 or M2021- 11- 622.0800 industrial M2020-11I622.0800 or M2021- 11I622.0800 625.00 commercial M2020-11 - 625.0000 or M2021-11- 625.0000 industrial M2020-11I625.0000 or M2021- 11I625.0000 Table 13: Example Part Numbers |
Similar Part No. - M2020 |
|
Similar Description - M2020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |