Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUFS0J182L() Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEUFS0J182L()
Description  Aluminum Electrolytic Capacitors (Radial Lead Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFS0J182L() Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEUFS0J182L() Datasheet HTML 1Page - Panasonic Semiconductor EEUFS0J182L() Datasheet HTML 2Page - Panasonic Semiconductor EEUFS0J182L() Datasheet HTML 3Page - Panasonic Semiconductor EEUFS0J182L() Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Characteristics list
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Specification
Lead length (mm)
Part No.
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
Endurance
(hours)
Lead
dia.
0d
Lead space
Straight
leads
(pcs)
Taping
(pcs)
Straight
Taping
✽B
Taping
✽H
16
120
5
11
280
0.300
5000
0.5
2.0
5.0
2.5
EEUFS1C121( )
200
2000
510
8
11.5
950
0.056
6000
0.6
3.5
5.0
EEUFS1C511( )
200
1000
820
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFS1C821L( )
200
1000
10
12.5
1290
0.043
6000
0.6
5.0
5.0
EEUFS1C821( )
200
500
1200
8
20
1560
0.030
9000
0.6
3.5
5.0
EEUFS1C122L( )
200
1000
10
16
1790
0.028
8000
0.6
5.0
5.0
EEUFS1C122( )
200
500
1800
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFS1C182( )
200
500
2200
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFS1C222L( )
200
500
2400
12.5
20
2600
0.018
10000
0.6
5.0
5.0
EEUFS1C242( )
200
500
3300
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFS1C332( )
200
500
3600
12.5
30
3630
0.013
10000
0.8
5.0
EEUFS1C362L
100
3900
12.5
30
3630
0.013
10000
0.8
5.0
EEUFS1C392L
100
4700
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFS1C472S( )
100
250
5100
12.5
35
3750
0.012
10000
0.8
5.0
EEUFS1C512L
100
6200
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFS1C622( )
100
250
25
1200
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFS1E122( )
200
500
2200
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFS1E222( )
200
500
3300
12.5
35
3750
0.012
10000
0.8
5.0
EEUFS1E332L
100
3900
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFS1E392( )
100
250
35
330
8
15
1240
0.041
8000
0.6
3.5
5.0
EEUFS1V331L( )
200
1000
820
10
20
2180
0.020 10000
0.6
5.0
5.0
EEUFS1V821( )
200
500
1000
10
25
2470
0.018
10000
0.6
5.0
5.0
EEUFS1V102L( )
200
500
1500
12.5
25
3190
0.015
10000
0.6
5.0
5.0
EEUFS1V152( )
200
500
1800
16
20
3300
0.017
10000
0.8
7.5
7.5
EEUFS1V182S( )
100
250
2700
16
25
3820
0.014
10000
0.8
7.5
7.5
EEUFS1V272( )
100
250
50
27
5
11
250
0.340
5000
0.5
2.0
5.0
2.5
EEUFS1H270( )
200
2000
150
8
15
1140
0.045
8000
0.6
3.5
5.0
EEUFS1H151L( )
200
1000
220
8
20
1430
0.033
9000
0.6
3.5
5.0
EEUFS1H221L( )
200
1000
330
10
20
1890
0.023 10000
0.6
5.0
5.0
EEUFS1H331( )
200
500
390
10
25
2150
0.022 10000
0.6
5.0
5.0
EEUFS1H391L( )
200
500
680
12.5
25
3660
0.018
10000
0.6
5.0
5.0
EEUFS1H681( )
200
500
820
12.5
30
3160
0.016
10000
0.8
5.0
EEUFS1H821L
100
1000
12.5
35
3270
0.014
10000
0.8
5.0
EEUFS1H102L
100
1200
16
25
3320
0.016
10000
0.8
7.5
7.5
EEUFS1H122( )
100
250
· When requesting taped product, please put the letter "B" or "H" between the "( )". Lead wire pitch
✽B=5 mm, 7.5 mm, H=2.5 mm.
· Please refer to the page of “Taping dimensions”.
May. 2017
00


Similar Part No. - EEUFS0J182L()

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFB1A103 PANASONIC-EEUFB1A103 Datasheet
77Kb / 5P
   Radial Lead Type
EEUFB1A121 PANASONIC-EEUFB1A121 Datasheet
77Kb / 5P
   Radial Lead Type
EEUFB1A122 PANASONIC-EEUFB1A122 Datasheet
77Kb / 5P
   Radial Lead Type
EEUFB1A152L PANASONIC-EEUFB1A152L Datasheet
77Kb / 5P
   Radial Lead Type
EEUFB1A181 PANASONIC-EEUFB1A181 Datasheet
77Kb / 5P
   Radial Lead Type
More results

Similar Description - EEUFS0J182L()

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM PANASONIC-EEUFM Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com