Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F863RT106K310ALW0L Datasheet(PDF) 1 Page - Kemet Corporation

Part # F863RT106K310ALW0L
Description  Film, Metallized Polypropylene, Safety, F863, 10 uF, 10%, 310 V, 110C, Lead Spacing = 37.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F863RT106K310ALW0L Datasheet(HTML) 1 Page - Kemet Corporation

  F863RT106K310ALW0L Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 511a8a26-6462-425d-8eaf-0bac465b9459
KEMET Part Number: F863RT106K310ALW0L
Film, Metallized Polypropylene, Safety, F863, 10 uF, 10%, 310 V, 110C, Lead Spacing = 37.5mm
Dimensions
L
41.5mm +0.3mm
H
45mm +0.1mm
T
30mm +0.3mm
S
37.5mm +/-0.4mm
LL
30mm +5mm
F
1mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Tray
General Information
Dielectric: Metallized Polypropylene
Style: Radial
Series: F863
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: ENEC, UL, cUL, CQC
Specifications
Capacitance: 10 uF
Capacitance Tolerance: 10%
Voltage AC: 310 VAC
Temperature Range: -40/+110C
Rated Temperature: 110C
Dissipation Factor: 0.2% 1KHz
Insulation Resistance: 10 GOhms
Max dVdt: 100 V
Safety Class: X2
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - F863RT106K310ALW0L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F863RT106K310Z KEMET-F863RT106K310Z Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 10 uF, 10%, 310 V, 110C, Lead Spacing = 37.5mm
More results

Similar Description - F863RT106K310ALW0L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F863RT106K310Z KEMET-F863RT106K310Z Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 10 uF, 10%, 310 V, 110C, Lead Spacing = 37.5mm
F863RR685K310Z KEMET-F863RR685K310Z Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 6.8 uF, 10%, 310 V, 110C, Lead Spacing = 37.5mm
F863RL475K310Z KEMET-F863RL475K310Z Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 4.7 uF, 10%, 310 V, 110C, Lead Spacing = 37.5mm
F863RR685K310ALW0L KEMET-F863RR685K310ALW0L Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 6.8 uF, 10%, 310 V, 110C, Lead Spacing = 37.5mm
F863RL475K310ALW0L KEMET-F863RL475K310ALW0L Datasheet
56Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 4.7 uF, 10%, 310 V, 110C, Lead Spacing = 37.5mm
F863DS105K310ALW0L KEMET-F863DS105K310ALW0L Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 1 uF, 10%, 310 V, 110C, Lead Spacing = 22.5mm
F863BW474K310ALW0L KEMET-F863BW474K310ALW0L Datasheet
56Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 0.47 uF, 10%, 310 V, 110C, Lead Spacing = 15mm
F863FW475K310ALW0L KEMET-F863FW475K310ALW0L Datasheet
56Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 4.7 uF, 10%, 310 V, 110C, Lead Spacing = 27.5mm
F863DN684K310ALW0L KEMET-F863DN684K310ALW0L Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 0.68 uF, 10%, 310 V, 110C, Lead Spacing = 22.5mm
F863BC104K310Z KEMET-F863BC104K310Z Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, F863, 0.1 uF, 10%, 310 V, 110C, Lead Spacing = 15mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com