Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8092DCGQW Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8092DCGQW
Description  High Efficiency Step-Down Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092DCGQW Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8092DCGQW Datasheet HTML 1Page - Richtek Technology Corporation RT8092DCGQW Datasheet HTML 2Page - Richtek Technology Corporation RT8092DCGQW Datasheet HTML 3Page - Richtek Technology Corporation RT8092DCGQW Datasheet HTML 4Page - Richtek Technology Corporation RT8092DCGQW Datasheet HTML 5Page - Richtek Technology Corporation RT8092DCGQW Datasheet HTML 6Page - Richtek Technology Corporation RT8092DCGQW Datasheet HTML 7Page - Richtek Technology Corporation RT8092DCGQW Datasheet HTML 8Page - Richtek Technology Corporation RT8092DCGQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
RT8092
3
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
WL-CSP-15B
1.2x2
WQFN-14L
3.5x3.5
A1, B1
7, 8
PVIN
Power input. Input capacitor CIN must be placed as close to IC
as possible.
A2, B2
10, 11
LX
Switch node.
A3, B3, C3
--
PGND
Power ground.
C1
--
AGND
Analog ground.
C2
13
SDA
I2C interface data input.
D1
6
AVDD
Analog and I2C interface power input.
D2
2
SCL
I2C interface clock input.
D3
14
VSEL
Nominal VOUT setting select input pin.
VSEL = Low selects {0x11.ENSEL0, 0x11.VoutSEL0[6:0],
0x14.PWM0}.
VSEL = High selects {0x10.ENSEL1, 0x10.VoutSEL1[6:0],
0x14.PWM1}.
E1
4
VOUT
Step-down converter output voltage sense input.
E2
3
GNDR
Remote ground sense input.
E3
1
EN
Enable control input. The IC enable control pin turns on the
step-down converter if the internal register ENSEL bit = 1. If
ENSEL = 0, EN goes high still cannot enable step-down
converter. The EN pin includes a internal pull-down current about
1
A.
When IC protection occurs and is latched in shutdown state,
toggling EN or re-power AVDD can reset the latch state.
--
5, 9
NC
No internal connection.
--
12,
15 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum power dissipation.
Pin Configuration
(TOP VIEW)
WL-CSP-15B 1.2x2 (BSC)
AGND
PGND
VSEL
AVDD
LX
SCL
PVIN
PGND
PGND
PVIN
LX
SDA
VOUT
EN
GNDR
C1
C2
C3
D3
D1
D2
A1
A2
A3
B3
B1
B2
E1
E2
E3
WQFN-14L 3.5x3.5
VOUT
GNDR
EN
SCL
GND
LX
NC
LX
NC
PVIN
12
11
10
9
13
14
1
2
3
4
7
6
GND
15
8
5


Similar Part No. - RT8092DCGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGB RICHTEK-RT8096AHGB Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGE RICHTEK-RT8096AHGE Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGJ5 RICHTEK-RT8096AHGJ5 Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGJ6 RICHTEK-RT8096AHGJ6 Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results

Similar Description - RT8092DCGQW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Richtek Technology Corp...
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com