Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9081A-13GQZA Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9081A-13GQZA
Description  Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9081A-13GQZA Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9081A-13GQZA Datasheet HTML 1Page - Richtek Technology Corporation RT9081A-13GQZA Datasheet HTML 2Page - Richtek Technology Corporation RT9081A-13GQZA Datasheet HTML 3Page - Richtek Technology Corporation RT9081A-13GQZA Datasheet HTML 4Page - Richtek Technology Corporation RT9081A-13GQZA Datasheet HTML 5Page - Richtek Technology Corporation RT9081A-13GQZA Datasheet HTML 6Page - Richtek Technology Corporation RT9081A-13GQZA Datasheet HTML 7Page - Richtek Technology Corporation RT9081A-13GQZA Datasheet HTML 8Page - Richtek Technology Corporation RT9081A-13GQZA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DS9081A-00 November 2016
www.richtek.com
RT9081A
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VOUT
Power output for the LDO.
2 (Fixed)
NC
Test pin. Internal pull down by 2
A. This pin should be floating or connected to
ground.
2 (Adj)
ADJ
Power output for the LDO.
3
EN
LDO enable.
4
BIAS
Supply voltage for the LDO control circuit. Mandatory to power up VBIAS before
EN and VIN, this will ensure RT9081A performance follows datasheet spec. For
more information please see Chip Enable Operation section.
5, 7 (Expose pad) GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
6
VIN
Power input for the LDO.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Typical Application Circuit
Figure 1. Fixed Voltage Regulator
Figure 2. Adjustable Voltage Regulator
EN
VOUT
RT9081A
GND
VIN
VIN
1
6
3
5, 7 (Exposed Pad)
VOUT
1.2V/500mA
CIN
4
CBIAS
BIAS
VBIAS
COUT
Enable
3.3V
2.5V
1µF (Effective value)
1µF
100nF
EN
VOUT
RT9081A
GND
VIN
VIN
1
6
3
5, 7 (Exposed Pad)
VOUT
1.2V/500mA
CIN
4
CBIAS
BIAS
VBIAS
COUT
Enable
2
ADJ
33.2k
66.5k
2.5V
3.3V
R1
R2
1µF
100nF
1µF (Effective value)


Similar Part No. - RT9081A-13GQZA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
RT9085A RICHTEK-RT9085A Datasheet
318Kb / 15P
   1A, 5.5V, Ultra Low Dropout Linear Regulator
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
RT9088 RICHTEK-RT9088 Datasheet
231Kb / 11P
   DDR Termination Regulator
RT9088GQW RICHTEK-RT9088GQW Datasheet
803Kb / 8P
   The RT9088 is a sink/source tracking termination regulator
More results

Similar Description - RT9081A-13GQZA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ1118 HTC-TJ1118 Datasheet
558Kb / 10P
   Ultra Low Dropout Linear Regulator
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com