Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9081A-1BGQZA Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9081A-1BGQZA
Description  Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9081A-1BGQZA Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9081A-1BGQZA Datasheet HTML 1Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 2Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 3Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 4Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 5Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 6Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 7Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 8Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9081A
®
DS9081A-00 November 2016
www.richtek.com
1
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
500mA, 5.5V, Ultra Low Dropout Linear Regulator
General Description
The RT9081A is a high performance positive voltage
regulator with separated bias voltage (VBIAS), designed
for applications requiring low input voltage and ultra low
dropout voltage, output current up to 500mA. The feature
of ultra low dropout voltage is ideal for applications where
output voltage is very close to input voltage. The input
voltage can be as low as 0.8V and the output voltage is
adjustable by an external resistive divider. The RT9081A
features very low quiescent current consumption for
portable applications. The device is available in the ZADFN-
6L 1.2x1.2 package.
Features
Input Voltage Range : 0.8V to 5.5V
Bias Voltage Range : 2.4 V to 5.5 V
Output Voltage Fixed and Adjustable Versions

0.9V to 1.8V (Fixed)

0.8V to 3.6V (Adjustable)
1.5% Output Voltage Accuracy @ 25
°°°°°C
Ultra Low Dropout Voltage : 140mV at 500mA
Low Bias Input Current
80
μμμμμA in Operating Mode
0.5
μμμμμA in Disable Mode
Enable Control
Output Active Discharge Function (Optional)
Stable with a 1
μμμμμF Output Ceramic Capacitor
RoHS Compliant and Halogen Free
Applications
Battery Powered Systems
Portable Electronic Device
Digital Set Top Boxes
Pin Configuration
(TOP VIEW)
ZADFN-6L 1.2x1.2
VOUT
ADJ/NC
VIN
GND
BIAS
EN
5
4
1
2
3
6
7
Ordering Information
Product No.
Nominal Output
Voltage
Option
Package
Lead Plating
System
Pin 1
Orientation
RT9081A-09GQZA(2)
0.90V
Output Active
Discharge
ZADFN-6L
1.2x1.2 (Z-Type)
G : Green
(Halogen Free
and Pb Free)
(2): Quadrant
2
Follow EIA-
481-D
***Empty
means Pin1
orientation is
Quadrant 1
RT9081A-10GQZA
1.00V
RT9081A-1KGQZA
1.05V
RT9081A-11GQZA
1.10V
RT9081A-1AGQZA(2)
1.15V
RT9081A-12GQZA
1.20V
RT9081A-1BGQZA(2)
1.25V
RT9081A-13GQZA(2)
1.30V
RT9081A-15GQZA(2)
1.50V
RT9081A-18GQZA(2)
1.80V
RT9081AGQZA(2)
Adjustable
 


Similar Part No. - RT9081A-1BGQZA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
RT9085A RICHTEK-RT9085A Datasheet
318Kb / 15P
   1A, 5.5V, Ultra Low Dropout Linear Regulator
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
RT9088 RICHTEK-RT9088 Datasheet
231Kb / 11P
   DDR Termination Regulator
RT9088GQW RICHTEK-RT9088GQW Datasheet
803Kb / 8P
   The RT9088 is a sink/source tracking termination regulator
More results

Similar Description - RT9081A-1BGQZA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ1118 HTC-TJ1118 Datasheet
558Kb / 10P
   Ultra Low Dropout Linear Regulator
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com