Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9081A-12GQZA Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9081A-12GQZA
Description  Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9081A-12GQZA Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9081A-12GQZA Datasheet HTML 4Page - Richtek Technology Corporation RT9081A-12GQZA Datasheet HTML 5Page - Richtek Technology Corporation RT9081A-12GQZA Datasheet HTML 6Page - Richtek Technology Corporation RT9081A-12GQZA Datasheet HTML 7Page - Richtek Technology Corporation RT9081A-12GQZA Datasheet HTML 8Page - Richtek Technology Corporation RT9081A-12GQZA Datasheet HTML 9Page - Richtek Technology Corporation RT9081A-12GQZA Datasheet HTML 10Page - Richtek Technology Corporation RT9081A-12GQZA Datasheet HTML 11Page - Richtek Technology Corporation RT9081A-12GQZA Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
DS9081A-00 November 2016
www.richtek.com
RT9081A
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT9081A is a low voltage, low dropout linear regulator
with input voltage VIN from 0.8V to 5.5V, VBIAS from 2.4V
to 5.5V and adjusted output voltage from 0.8V to (VIN
VDROP).
Output Voltage Setting
For the RT9081A, the voltage on the ADJ pin sets the
output voltage and is determined by the values of R1 and
R2. The values of R1 and R2 can be calculated for any
voltage using the formula given in Equation :
OUT
R1 + R2
V0.8V
R2



Using lower values for R1 and R2 is recommended to
reduces the noise injected from the FB pin. Note that R1
is connected from VOUT pin to ADJ pin, and R2 is
connected from ADJ to GND.
Chip Enable Operation
The RT9081A goes into sleep mode when the EN pin is in
a logic low condition. In this condition, the pass transistor,
error amplifier, and band gap are all turned off.
Dropout Voltage
There are two power supply inputs VIN and VBIAS and only
one output VOUT for the RT9081A, the Dropout voltage
with these two different input also have different definition.
VINDropout voltage is the voltage difference between VIN
and VOUT when VOUT starts to decrease while reduce VIN
level (for this condition, VBIAS needs high enough as specific
value published in Electrical Characteristics table). VBIAS
dropout voltage is the voltage difference between VBIAS
and VOUT while VIN and BIAS pins are connected together
and VOUT starts to decrease.
CIN and COUT Selection
The RT9081A is designed specifically to work with low
ESR ceramic output capacitor for space saving and
performance consideration. Using a ceramic capacitor with
capacitance range from 1
μF (Effective value) to 10μF on
the RT9081A output ensures stability. The input capacitor
must be located at a distance of no more than 0.5 inch
from the input pin of the chip. However, a capacitor with
larger value and lower ESR (Equivalent Series Resistance)
is recommended since it will provide better PSRR and
line transient response. Any good quality ceramic capacitor
can be used, CIN = 1
μF and CBIAS = 0.1μF or greater are
recommended.
Chip Enable Operation
The RT9081A goes into sleep mode when the EN pin is in
a logic low condition. In this condition, the pass transistor,
error amplifier, and band gap are all turned off reducing the
supply current to only 1
μA (max.).
Consideration should be taken in the power on sequence,
it is mandatory to ensure VBIAS > VOUT + 1.6V before both
VEN > VIH and VIN > VOUT + 0.3V. The BIAS pin supplies
voltage for the LDO control circuit, and powering up VBIAS
first will ensure turn on time (tON) and output voltage
accuracy (VOUT) to follow datasheet spec.
Current Limit
The RT9081A continuously monitors the output current
to protect the pass transistor against abnormal operations.
When an overload or short circuit is encountered, the
current limit circuitry controls the pass transistor's gate
voltage to limit the output within the predefined range.
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding airflow,
and the difference between the junction and ambient
temperatures. The maximum power dissipation can be
calculated using the following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJA is the junction-to-ambient
thermal resistance.
For continuous operation, the maximum operating junction
temperature indicated under Recommended Operating
Conditions is 125
°C. The junction-to-ambient thermal
resistance,
θJA, is highly package dependent. For a


Similar Part No. - RT9081A-12GQZA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
RT9085A RICHTEK-RT9085A Datasheet
318Kb / 15P
   1A, 5.5V, Ultra Low Dropout Linear Regulator
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
RT9088 RICHTEK-RT9088 Datasheet
231Kb / 11P
   DDR Termination Regulator
RT9088GQW RICHTEK-RT9088GQW Datasheet
803Kb / 8P
   The RT9088 is a sink/source tracking termination regulator
More results

Similar Description - RT9081A-12GQZA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ1118 HTC-TJ1118 Datasheet
558Kb / 10P
   Ultra Low Dropout Linear Regulator
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com