Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9078-1K08GJ5 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9078-1K08GJ5
Description  Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9078-1K08GJ5 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9078-1K08GJ5 Datasheet HTML 4Page - Richtek Technology Corporation RT9078-1K08GJ5 Datasheet HTML 5Page - Richtek Technology Corporation RT9078-1K08GJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT9078-1K08GJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT9078-1K08GJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT9078-1K08GJ5 Datasheet HTML 9Page - Richtek Technology Corporation RT9078-1K08GJ5 Datasheet HTML 10Page - Richtek Technology Corporation RT9078-1K08GJ5 Datasheet HTML 11Page - Richtek Technology Corporation RT9078-1K08GJ5 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9078
8
DS9078-08 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
EN Threshold vs. Input Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
123456
Input Voltage (V)
Enable Low
Enable High
Current Limit vs. Temperature
0
100
200
300
400
500
600
700
-50
-25
0
25
50
75
100
125
Temperature (°C )
VIN = 5V
VOUT = 3.3V
VOUT = 0.8V
Shutdown Current vs. Input Voltage
0
0.02
0.04
0.06
0.08
0.1
123456
Input Voltage (V)
VOUT = 0.8V, EN = 0V
Shutdown Leakage Current vs. Temperature
0.00
0.02
0.04
0.06
0.08
0.10
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 0.8V, EN = 0V
VIN = 1.8V
VIN = 5.5V
EN Threshold vs. Temperature
0.61
0.62
0.63
0.64
0.65
0.66
0.67
0.68
-50
-25
0
25
50
75
100
125
Temperature (°C)
Enable Low
Enable High
VIN = 5.5V
Dropout Voltage vs. Temperature
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
-50
-25
0
25
50
75
100
125
Temperature (°C)
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 200mA
ILOAD = 300mA
VOUT = 2.85V


Similar Part No. - RT9078-1K08GJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9078-1KGJ5 RICHTEK-RT9078-1KGJ5 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
RT9078-1KGQZ RICHTEK-RT9078-1KGQZ Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
More results

Similar Description - RT9078-1K08GJ5

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com