Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8128A Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8128A
Description  High Efficiency Synchronous Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8128A Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8128A Datasheet HTML 1Page - Richtek Technology Corporation RT8128A Datasheet HTML 2Page - Richtek Technology Corporation RT8128A Datasheet HTML 3Page - Richtek Technology Corporation RT8128A Datasheet HTML 4Page - Richtek Technology Corporation RT8128A Datasheet HTML 5Page - Richtek Technology Corporation RT8128A Datasheet HTML 6Page - Richtek Technology Corporation RT8128A Datasheet HTML 7Page - Richtek Technology Corporation RT8128A Datasheet HTML 8Page - Richtek Technology Corporation RT8128A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8128A/C
2
DS8128A/C-03
March 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
Marking Information
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap Supply for High-Side Gate Driver. Connect a capacitor between the
BOOT and PHASE pins.
2
UGATE
Gate Drive Output for the High-Side External MOSFET.
3
PGOOD
Open-Drain Power Good Indicator. High impedance indicates power is good.
4
LGATE/OCSET
Gate Drive Output for the Low-Side External MOSFET. This pin is also used
to set the OCP threshold. Please refer the application information.
5
VCC
Control Voltage Input. It supports the power for the PWM controller, the
low-side driver and the bootstrap circuit for high-side driver. Bypass to GND
with a 4.7
F ceramic capacitor.
6
FB
Feedback Voltage Input. Connect FB and GND to a resistive voltage divider
to set the output voltage level. The internal reference voltage is 0.6V typically.
7
EN
Active-High Enable Control Input. Pull low to GND to disable the PWM
controller.
8
PHASE
Return Path of High-Side Gate Driver. Connect this pin to external MOSFETs
and inductor. It behaves as the current sense comparator input for low-side
MOSFET RDS(ON) sensing and reference voltage for on-time generation.
9 (Exposed pad) GND
Ground. Connect this pin directly to the low-side MOSFET source and ground
plane with the lowest impedance. The exposed pad must be soldered to a
large PCB and connected to GND for maximum power dissipation.
RT8128xGSP : Product Number
x : A or C
YMDNN : Date Code
RT8128x
GSPYMDNN
BOOT
UGATE
PGOOD
LGATE/OCSET
PHASE
EN
VCC
FB
GND
2
3
4
5
6
7
8
9
RT8128A/C
Package Type
SP : SOP-8 (Exposed Pad-Option 1)
Lead Plating System
G : Green (Halogen Free and Pb Free)
A : Diode Emulation Mode
C : FCCM


Similar Part No. - RT8128A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120 Datasheet
34Kb / 2P
   Richtek Technology Corporation
RT8120 RICHTEK-RT8120 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
RT8120A RICHTEK-RT8120A Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
RT8120A RICHTEK-RT8120A Datasheet
34Kb / 2P
   Richtek Technology Corporation
RT8120B RICHTEK-RT8120B Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
More results

Similar Description - RT8128A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541 TI1-UCC2541_16 Datasheet
1,014Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com