Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6239BLGQUF Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT6239BLGQUF
Description  ACOT Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6239BLGQUF Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT6239BLGQUF Datasheet HTML 4Page - Richtek Technology Corporation RT6239BLGQUF Datasheet HTML 5Page - Richtek Technology Corporation RT6239BLGQUF Datasheet HTML 6Page - Richtek Technology Corporation RT6239BLGQUF Datasheet HTML 7Page - Richtek Technology Corporation RT6239BLGQUF Datasheet HTML 8Page - Richtek Technology Corporation RT6239BLGQUF Datasheet HTML 9Page - Richtek Technology Corporation RT6239BLGQUF Datasheet HTML 10Page - Richtek Technology Corporation RT6239BLGQUF Datasheet HTML 11Page - Richtek Technology Corporation RT6239BLGQUF Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
RT6239A/B
8
DS6239A/B-04 May 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
(VIN = 12V, TA = 25
°C, unless otherwise specified)
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------ 4.5V to 18V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Voltage, VIN ------------------------------------------------------------------------------------------------
−0.3V to 21V
Switch Voltage, SW ------------------------------------------------------------------------------------------------
−0.3V to (VIN + 0.3V)
Switch Voltage, <10ns ---------------------------------------------------------------------------------------------
−3V to (VIN + 0.3V)
BOOT Voltage --------------------------------------------------------------------------------------------------------
−0.3V to 27.3V
EN to GND-------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Other Pins-------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
UQFN-14L 2x3 (FC) ------------------------------------------------------------------------------------------------- 2.1W
Package Thermal Resistance (Note 2)
UQFN-14L 2x3 (FC),
θJA ------------------------------------------------------------------------------------------- 47.5°C/W
UQFN-14L 2x3 (FC),
θJC------------------------------------------------------------------------------------------- 4.1°C/W
Junction Temperature Range -------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Supply Current (Shutdown)
ISHDN
VEN = 0V
--
1.5
6
A
Supply Current (Quiescent)
IQ
VEN = 2V, VFB = 0.7V
--
0.6
0.9
mA
Logic Threshold
EN Input
Voltage
Logic-High
1.1
1.2
1.3
V
Logic-Low
--
0.2
--
VFB Voltage and Discharge Resistance
Feedback Voltage
VFB
4.5V
 VIN  18V
0.692
0.7
0.708
V
Feedback Current
IFB
VFB = 0.71V
0.1
--
0.1
A
VPVCC Output
VPVCC Output Voltage
VPVCC
6V
 VIN  18V, 0 < IPVCC  5mA
--
5
--
V
Line Regulation
6V
 VIN  18V, IPVCC = 5mA
--
--
5
mV
Load Regulation
0
 IPVCC  20mA
--
--
20
mV
Output Current
IPVCC
VIN = 6V, VPVCC = 4V, TA = 25C
--
210
--
mA


Similar Part No. - RT6239BLGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236AHGQUF RICHTEK-RT6236AHGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236ALGQUF RICHTEK-RT6236ALGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236BHGQUF RICHTEK-RT6236BHGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236BLGQUF RICHTEK-RT6236BLGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
More results

Similar Description - RT6239BLGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com