Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6238BHGQUF Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT6238BHGQUF
Description  ACOT Synchronous Step-Down Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6238BHGQUF Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT6238BHGQUF Datasheet HTML 6Page - Richtek Technology Corporation RT6238BHGQUF Datasheet HTML 7Page - Richtek Technology Corporation RT6238BHGQUF Datasheet HTML 8Page - Richtek Technology Corporation RT6238BHGQUF Datasheet HTML 9Page - Richtek Technology Corporation RT6238BHGQUF Datasheet HTML 10Page - Richtek Technology Corporation RT6238BHGQUF Datasheet HTML 11Page - Richtek Technology Corporation RT6238BHGQUF Datasheet HTML 12Page - Richtek Technology Corporation RT6238BHGQUF Datasheet HTML 13Page - Richtek Technology Corporation RT6238BHGQUF Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
RT6238A/B
10
DS6238A/B-08 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Table 1. Suggested Component Values
VOUT (V)
R1 (k
)
R2 (k
)
C3 (pF)
L1 (
H)
C7 (
F)
1
20
46.4
--
1
66
1.5
53.6
46.4
10
1
66
1.8
73.2
46.4 
10
1
66
2.5
120
46.4 
10
1.5
66
5
287
46.4 
10
2.5
66
 
PGOOD
RT6238A/B
PVCC
FB
VIN
10µF x 2
C1
0.1µF
C2
BOOT
L1
1µH
0.1µF
C6
22µF x 3
C7
SW
SS
10nF
C5
1µF
C4
VOUT
1V
46.6k
R2
VPVCC
VIN
7, 8
4
14
6
5
20k
R1
9, 10, 11, 12
EN
13
GND
2
3
AGND
1
Enable
RPGOOD
100k
R3*
C3
C8*
* : Optional
VPVCC
Power Good


Similar Part No. - RT6238BHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236AHGQUF RICHTEK-RT6236AHGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236ALGQUF RICHTEK-RT6236ALGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236BHGQUF RICHTEK-RT6236BHGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236BLGQUF RICHTEK-RT6236BLGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
More results

Similar Description - RT6238BHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com