Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6236AHGQUF Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT6236AHGQUF
Description  ACOT Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6236AHGQUF Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT6236AHGQUF Datasheet HTML 4Page - Richtek Technology Corporation RT6236AHGQUF Datasheet HTML 5Page - Richtek Technology Corporation RT6236AHGQUF Datasheet HTML 6Page - Richtek Technology Corporation RT6236AHGQUF Datasheet HTML 7Page - Richtek Technology Corporation RT6236AHGQUF Datasheet HTML 8Page - Richtek Technology Corporation RT6236AHGQUF Datasheet HTML 9Page - Richtek Technology Corporation RT6236AHGQUF Datasheet HTML 10Page - Richtek Technology Corporation RT6236AHGQUF Datasheet HTML 11Page - Richtek Technology Corporation RT6236AHGQUF Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
RT6236A/B
8
DS6236A/B-02 August 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a highly thermal conductive 4-Layer test board. θJC is measured at the top of the
package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PVCC Output
PVCC Output Voltage
VPVCC
6V
 VIN  18V, 0 < IPVCC  5mA
--
5
--
V
PVCC Line Regulation
6V
 VIN  18V, IPVCC = 5mA
--
--
20
mV
PVCC Load Regulation
0
 IPVCC  20mA
--
--
100
PVCC Output Current
IPVCC
VIN = 6V, VPVCC = 4V, TA = 25C
--
150
--
mA
Internal MOSFET
High-Side On-Resistance
RDS(ON)_H
VBOOT  VSW = 5V
--
51
--
m
Low-Side On-Resistance
RDS(ON)_L
--
18
--
Current Limit
Low-Side Switch Valley
Current Limit
ILIM
6.6
7.7
8.9
A
Thermal Shutdown
Thermal Shutdown Threshold TSD
--
150
--
C
Thermal Shutdown Hysteresis
TSD
--
20
--
On-Time Timer Control
On-Time
tON
VOUT = 1.2V
--
153
--
ns
Minimum On-Time
tON(MIN)
--
60
--
Minimum Off-Time
tOFF(MIN)
--
230
--
Soft-Start
Internal Charge Current
VSS = 0V
5
6
7
A
Power Good
PGOOD Good Rising
Threshold
VFB Rising (Good)
85
90
95
%VFB
VFB Rising (Fault)
--
120
--
PGOOD Good Falling
Threshold
VFB Falling (Good)
--
112
--
VFB Falling (Fault)
--
80
--
PGOOD Sink Current
PGOOD = 0.1V
10
20
--
mA
Output Under Voltage and Over Voltage Protections
OVP Trip Threshold
OVP Detect
115
120
125
%VFB
OVP Propagation Delay
--
10
--
s
UVP Trip Threshold
UVP Detect
55
60
65
%VFB
Hysteresis
--
10
--
UVP Propagation Delay
--
250
--
s
UVP Enable Delay
Relative to Soft-Start Time
--
tSS
x 1.7
--
--


Similar Part No. - RT6236AHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6238AHGQUF RICHTEK-RT6238AHGQUF Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6238ALGQUF RICHTEK-RT6238ALGQUF Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6238BHGQUF RICHTEK-RT6238BHGQUF Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6238BLGQUF RICHTEK-RT6238BLGQUF Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
More results

Similar Description - RT6236AHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com