Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHDA63A-S08 Datasheet(PDF) 1 Page - Vitec Power

Part # SHDA63A-S08
Description  63W Desktop Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SHDA63A-S08 Datasheet(HTML) 1 Page - Vitec Power

  SHDA63A-S08 Datasheet HTML 1Page - Vitec Power SHDA63A-S08 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHDA63A SERIES
63W Desktop Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Output Voltage Available From 12VDC Thru 48VDC
Single Output
Class I Insulation
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
Energy Star 2.0, CEC V, and RoHS Compliance
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum
Output Power
SHDA63A-S05
12 VDC
5.25 A
5%
63W
SHDA63A-S06
15 VDC
4.20 A
5%
63W
SHDA63A-S07
18 VDC
3.50 A
5%
63W
SHDA63A-S08
24 VDC
2.62 A
3%
63W
SHDA63A-S09
30 VDC
2.10 A
3%
63W
SHDA63A-S10
36 VDC
1.75 A
3%
63W
SHDA63A-S11
48 VDC
1.31 A
3%
63W
Total Regulation is conditioned by below configuration
(S05~S07: AWG16/2C/4FT output cable)
(S08~S10: AWG18/2C/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin= 90 to 264 VAC
0
63
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.62
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.72
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
26
30
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
43
47
A
Efficiency *
Io=Full Load, Vin=230VAC
87
92
%
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load,Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.1
mA
No-Load Power Consumption
No load, Vin=240VAC
0.3
0.4
0.5
W
Temperature Coefficient
All output
-0.04
0.04
%/°C
*The specifics for testing the energy efficiency of SHDA63 Series are outlined in a separate document titled "Test Method for Calculating the
Energy Efficiency of Single-Voltage External Ac-Dc and Ac-Ac Power Supplies (August 11, 2004)," which is available on the ENERGY STAR Website.


Similar Part No. - SHDA63A-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA63A-S08 Vitec-SHDA63A-S08 Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results

Similar Description - SHDA63A-S08

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63B-SERIES Vitec-SHDA63B-SERIES Datasheet
382Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60A Vitec-SMDA60A Datasheet
353Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63C Vitec-SHDA63C Datasheet
355Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60B-SERIES Vitec-SMDA60B-SERIES Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63B Vitec-SHDA63B Datasheet
382Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60C-SERIES Vitec-SMDA60C-SERIES Datasheet
336Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60C Vitec-SMDA60C Datasheet
336Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63C-SERIES Vitec-SHDA63C-SERIES Datasheet
355Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com