Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5010MHX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5010MHX
Description  High Voltage 1A Step Down Switching Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010MHX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5010MHX Datasheet HTML 5Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 6Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 7Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 8Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 9Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 10Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 11Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 12Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Typical Performance Characteristics (Continued)
Functional Description
The LM5010 Step Down Switching Regulator features all the
functions needed to implement a low cost, efficient buck bias
power converter capable of supplying in excess of 1A to the
load. This high voltage regulator contains an N-Channel
buck switch, is easy to implement, and is available in the
thermally enhanced LLP-10 and TSSOP-14EP packages.
The regulator’s operation is based on a hysteretic control
scheme, and uses an on-time which varies inversely with
V
IN. This feature results in the operating frequency remain-
ing relatively constant with load and input voltage variations.
The switching frequency can range from 100 kHz to > 1.0
MHz. The hysteretic control requires no loop compensation
resulting in very fast load transient response. The valley
current limit detection circuit, internally set at 1.25A, holds
the buck switch off until the high current level subsides.
Figure 1 shows the functional block diagram. The LM5010
can be applied in numerous applications to efficiently regu-
late down higher voltages. This regulator is well suited for
48V telecom applications, as well as the new 42V automo-
tive power bus. Implemented as a Point-of-Load regulator
following a highly efficient intermediate bus converter can
result in high overall system efficiency. Features include:
Thermal shutdown, V
CC under-voltage lockout, gate drive
under-voltage lockout, and maximum duty cycle limit.
Hysteretic Control Circuit
Overview
The LM5010 buck DC-DC regulator employs a control
scheme based on a comparator and a one-shot on-timer,
with the output voltage feedback (FB) compared to an inter-
nal reference (2.5V). If the FB voltage is below the reference
the buck switch is turned on for a time period determined by
the input voltage and a programming resistor (R
ON). Follow-
ing the on-time the switch remains off for 265 ns, or until the
FB voltage falls below the reference, whichever is longer.
The buck switch then turns on for another on-time period.
20119911
FIGURE 8. Startup Sequence
www.national.com
9


Similar Part No. - LM5010MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010MHX TI1-LM5010MHX Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MHX/NOPB TI1-LM5010MHX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010MHX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com