Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLW3025-24DB1B Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MLW3025-24DB1B
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MLW3025-24DB1B Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MLW3025-24DB1B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-24DB1B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-24DB1B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-24DB1B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-24DB1B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-24DB1B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-24DB1B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series MLW
Snap-in Miniature Rockers
B108
B
www.nkkswitches.com
Poles
1
SPDT
2
SP3T
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
2
12
MLW30
1A
Standard
1A
Black
1B
White
1C
Red
1D
Orange
1E
Yellow
1F
Green
1G
Blue
1H
Gray
Large
2A
Black
2B
White
2C
Red
2D
Orange
2E
Yellow
2F
Green
2G
Blue
2H
Gray
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MLW3025-12-DC-1A
5
DC
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8 (ON)
OFF
(ON)
9
ON
OFF
(ON)
0
ON
ON
ON
( ) = Momentary
Cap Types & Colors
Incandescent & Neon Lamps
00
No Lamp
06
6-volt
12
12-volt
18
18-volt
24
24-volt
28
28-volt
N
110-volt (not suitable
with green & blue)
Rocker
RA
Black
RB
White
RC
Red
RD
Orange
RE
Yellow
RF
Green
RG
Blue
Paddle
PA
Black
PB
White
PC
Red
PD
Orange
PE
Yellow
PF
Green
PG
Blue
Design Rocker
DB
White
DC
Red
DD
Orange
DF
Green
DG
Blue
LED Rocker
LB
White
LC
Red
LE
Yellow
LF
Green
Sculptured Rocker
SB
White
SC
Red
SE
Yellow
SF
Green
Lamps
Single Element LED Colors
C
Red
E
Yellow
F
Green
Bezels/Colors
12-volt
Incandescent Lamp
Design Cap
(Black Rocker Base
with Red Filter)
DPDT
ON-NONE-(ON)
Circuit
Black .787”
(20.0mm)
Wide Bezel
IMPORTANT:
Switches are supplied without UL & cULus markings unless specified.
UL & cULus recognized only when ordered with marking on the switch.
Specific models and ratings noted on the General Specifications page.


Similar Part No. - MLW3025-24DB1B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MLW3025-24 NKK-MLW3025-24 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
MLW3025-24-RA-1A NKK-MLW3025-24-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3025-24-RA-1A NKK-MLW3025-24-RA-1A Datasheet
256Kb / 7P
   General Specifications
MLW3025-24-RA-1B NKK-MLW3025-24-RA-1B Datasheet
256Kb / 7P
   General Specifications
MLW3025-24-RA-1C NKK-MLW3025-24-RA-1C Datasheet
256Kb / 7P
   General Specifications
More results

Similar Description - MLW3025-24DB1B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com