Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR32431EUCR-F Datasheet(PDF) 6 Page - Exar Corporation

Part # XR32431EUCR-F
Description  3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32431EUCR-F Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR32431EUCR-F Datasheet HTML 2Page - Exar Corporation XR32431EUCR-F Datasheet HTML 3Page - Exar Corporation XR32431EUCR-F Datasheet HTML 4Page - Exar Corporation XR32431EUCR-F Datasheet HTML 5Page - Exar Corporation XR32431EUCR-F Datasheet HTML 6Page - Exar Corporation XR32431EUCR-F Datasheet HTML 7Page - Exar Corporation XR32431EUCR-F Datasheet HTML 8Page - Exar Corporation XR32431EUCR-F Datasheet HTML 9Page - Exar Corporation XR32431EUCR-F Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2014 Exar Corporation
XR32430/XR32431
6 / 13
exar.com/XR32430_XR32431
Rev 1A
Functional Block Diagram
T3OUT
T2OUT
T2IN
T3IN
R2IN
R2OUT
R2OUT
Shutdown
OnLine
Status
Charge
Pump
C1+
C1-
C2+
C2-
V+
V-
RS-232
Outputs
RS-232
Inputs
TTL/CMOS
Inputs
TTL/CMOS
Outputs
Auto On-line /
Control
5K
T1OUT
T1IN
R1IN
R1OUT
5K
R4IN
R5IN
R4OUT
R5OUT
5K
5K
R3IN
R3OUT
5K


Similar Part No. - XR32431EUCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32431EUCR-F EXAR-XR32431EUCR-F Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
XR32431EUCR-F EXAR-XR32431EUCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EUCR-F EXAR-XR32431EUCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EUCR-F EXAR-XR32431EUCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EUCR-F/TR EXAR-XR32431EUCR-F/TR Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results

Similar Description - XR32431EUCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32430EBER-F EXAR-XR32430EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EUCRTR-F EXAR-XR32430EUCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EBCRTR-F EXAR-XR32430EBCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32220EBER-L EXAR-XR32220EBER-L Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220EBER-L-TR EXAR-XR32220EBER-L-TR Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220 EXAR-XR32220_17 Datasheet
617Kb / 15P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR32330 EXAR-XR32330 Datasheet
711Kb / 13P
   3-Driver/3-Receiver Intelligent RS-232 Transceiver
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com