Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819S-L-2-5 Datasheet(PDF) 6 Page - Exar Corporation

Part # SPX3819S-L-2-5
Description  500mA Low-Noise LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX3819S-L-2-5 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SPX3819S-L-2-5 Datasheet HTML 2Page - Exar Corporation SPX3819S-L-2-5 Datasheet HTML 3Page - Exar Corporation SPX3819S-L-2-5 Datasheet HTML 4Page - Exar Corporation SPX3819S-L-2-5 Datasheet HTML 5Page - Exar Corporation SPX3819S-L-2-5 Datasheet HTML 6Page - Exar Corporation SPX3819S-L-2-5 Datasheet HTML 7Page - Exar Corporation SPX3819S-L-2-5 Datasheet HTML 8Page - Exar Corporation SPX3819S-L-2-5 Datasheet HTML 9Page - Exar Corporation SPX3819S-L-2-5 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SPX3819
500mA Low-Noise LDO Voltage Regulator
© 2013-2016 Exar Corporation
6/12
Rev. 2.0.3
Fig. 9 Ground Current vs Temperature with 100μA Load
Fig. 10 Ground Current vs Temperature with 50mA Load
Fig. 11 Ground Current vs Temperature with 500mA Load
Fig. 12 Ground Current vs Temperature in Dropout
Fig. 13 ENABLE Voltage, ON threshold, vs Input Voltage
Fig. 14 Output Voltage vs Temperature


Similar Part No. - SPX3819S-L-2-5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819S-L-2-5 SIPEX-SPX3819S-L-2-5 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819S-L-2-5 EXAR-SPX3819S-L-2-5 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX3819S-L-2-5/TR SIPEX-SPX3819S-L-2-5/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819S-L-2-5/TR EXAR-SPX3819S-L-2-5/TR Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
More results

Similar Description - SPX3819S-L-2-5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com