Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR32431EBER-F Datasheet(PDF) 11 Page - Exar Corporation

Part # XR32431EBER-F
Description  3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32431EBER-F Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR32431EBER-F Datasheet HTML 6Page - Exar Corporation XR32431EBER-F Datasheet HTML 7Page - Exar Corporation XR32431EBER-F Datasheet HTML 8Page - Exar Corporation XR32431EBER-F Datasheet HTML 9Page - Exar Corporation XR32431EBER-F Datasheet HTML 10Page - Exar Corporation XR32431EBER-F Datasheet HTML 11Page - Exar Corporation XR32431EBER-F Datasheet HTML 12Page - Exar Corporation XR32431EBER-F Datasheet HTML 13Page - Exar Corporation XR32431EBER-F Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2014 Exar Corporation
XR32430/XR32431
11 / 13
exar.com/XR32430_XR32431
Rev 1A
When the XR32430/31 is shut down, the charge pumps are turned off. V+ charge pump output decays to VCC, the V- output
decays to GND. The decay time will depend on the size of capacitors used for the charge pump. Once in shutdown, the time
required to exit the shut down state and have valid V+ and V- levels is typically 30μs.
For easy programming, the STATUS can be used to indicate DSR or a Ring Indicator signal. Tying ONLINE and SHUT-
DOWN together will bypass the AUTO ON-LINE® circuitry so this connection acts like a shutdown input pin.
Table 2: XR32430/31 Operation Truth Table
Valid
RS-232
Level at
Receiver
Input
Shutdown
OnLine
Driver
Outputs
Receiver
Outputs
Status
Mode of Operation
Yes
L
x
High-Z
High-Z
H
Manually forced shutdown
No
L
x
High-Z
High-Z
L
Manually forced shutdown
Yes
H
L
Active
Active
H
Normal Operation
(Auto On-Line® enabled)
No
H
L
High-Z
Active
L
Standby Operation due to
Auto On-Line® circuitry
Yes
H
H
Active
Active
H
Normal Operation
No
H
H
Active
Active
L
Normal Operation
Table 3: XR32430/31 Driver and Receiver Truth Table
Shutdown
RxIN
RxOUT
TxIN
TxOUT
L
x
High-Z
x
High-Z
HLHLH
HH
L
H
L


Similar Part No. - XR32431EBER-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32431EBER-F EXAR-XR32431EBER-F Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
XR32431EBER-F EXAR-XR32431EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBER-F EXAR-XR32431EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBER-F EXAR-XR32431EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBER-F/TR EXAR-XR32431EBER-F/TR Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results

Similar Description - XR32431EBER-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32430EBER-F EXAR-XR32430EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EUCRTR-F EXAR-XR32430EUCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EHCRTR-F EXAR-XR32430EHCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32220EBER-L EXAR-XR32220EBER-L Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220EBER-L-TR EXAR-XR32220EBER-L-TR Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220 EXAR-XR32220_17 Datasheet
617Kb / 15P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR32330 EXAR-XR32330 Datasheet
711Kb / 13P
   3-Driver/3-Receiver Intelligent RS-232 Transceiver
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com