Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR32431EBCR-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XR32431EBCR-F
Description  3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32431EBCR-F Datasheet(HTML) 2 Page - Exar Corporation

  XR32431EBCR-F Datasheet HTML 1Page - Exar Corporation XR32431EBCR-F Datasheet HTML 2Page - Exar Corporation XR32431EBCR-F Datasheet HTML 3Page - Exar Corporation XR32431EBCR-F Datasheet HTML 4Page - Exar Corporation XR32431EBCR-F Datasheet HTML 5Page - Exar Corporation XR32431EBCR-F Datasheet HTML 6Page - Exar Corporation XR32431EBCR-F Datasheet HTML 7Page - Exar Corporation XR32431EBCR-F Datasheet HTML 8Page - Exar Corporation XR32431EBCR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© 2014 Exar Corporation
XR32430/XR32431
2 / 13
exar.com/XR32430_XR32431
Rev 1A
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
Exposure to any Maximum Rating condition for extended
periods may affect device reliability and lifetime.
Supply Voltage (VCC)...................................-0.3V to +6.0V
Logic Interface Voltage (VL)................................VL ≤ VCC
V+................................................................-0.3V to +7.0V
V-.................................................................+0.3V to -7.0V
V+ + |V-| ....................................................................±13V
ICC (DC VCC or GND current).............................±100mA
Junction Temperature...............................................125°C
Input Voltages
TxIN, ONLINE, Shutdown,..........................-0.3V to +6.0V
RxIN..........................................................................±15V
Output Voltage
TxOUT.....................................................................±13.2V
RxOUT, Status.............................................-0.3V to +6.0V
Short-Circuit Duration
TxOUT.............................................................Continuous
Storage Temperature...............................-65°C to +150°C
ESD Rating RS-232 Bus pins
HBM - Human Body Model....................................±15kV
IEC614000-4-2 Air Discharge................................±15kV
IEC614000-4-2 Contact Discharge..........................±8kV
Operating Conditions
Consumer Operating Temperature Range.....................0°C to +70°C
Industrial Operating Temperature Range.....................-40°C to +85°C
VCC Supply Range........................................... 3.0V to 5.5V
VL I/O Supply Range (VL ≤ VCC)..................... 1.65V to 5.5V
Thermal Information (32 Ld QFN (5x5mm))
JA .....................................................................30.1(°C/W)
JC .....................................................................10.1(°C/W)


Similar Part No. - XR32431EBCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F/TR EXAR-XR32431EBCR-F/TR Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results

Similar Description - XR32431EBCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32430EUCRTR-F EXAR-XR32430EUCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EBCRTR-F EXAR-XR32430EBCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EHCRTR-F EXAR-XR32430EHCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32220EBER-L EXAR-XR32220EBER-L Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220EBER-L-TR EXAR-XR32220EBER-L-TR Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220 EXAR-XR32220_17 Datasheet
617Kb / 15P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR32330 EXAR-XR32330 Datasheet
711Kb / 13P
   3-Driver/3-Receiver Intelligent RS-232 Transceiver
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com