Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR32431EBCR-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XR32431EBCR-F
Description  3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32431EBCR-F Datasheet(HTML) 5 Page - Exar Corporation

  XR32431EBCR-F Datasheet HTML 1Page - Exar Corporation XR32431EBCR-F Datasheet HTML 2Page - Exar Corporation XR32431EBCR-F Datasheet HTML 3Page - Exar Corporation XR32431EBCR-F Datasheet HTML 4Page - Exar Corporation XR32431EBCR-F Datasheet HTML 5Page - Exar Corporation XR32431EBCR-F Datasheet HTML 6Page - Exar Corporation XR32431EBCR-F Datasheet HTML 7Page - Exar Corporation XR32431EBCR-F Datasheet HTML 8Page - Exar Corporation XR32431EBCR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2014 Exar Corporation
XR32430/XR32431
5 / 13
exar.com/XR32430_XR32431
Rev 1A
Pin Configuration
Pin Assignments
XR32340
XR32341
Pin Name
Type
Description
1, 2, 3, 4, 5
1, 2, 3, 4, 5
R1IN, R2IN,
R3IN, R4IN,
R5IN
Inputs
(5K pull-
dwn)-
±15KV ESD Protected, RS-232 Receiver Inputs
6. 7, 8
6. 7, 8
T1OUT, T2OUT,
T3OUT
Output
±15KV ESD Protected, RS-232 Driver Output
9,16, 25, 32
9,16, 32
NC
-
No Connect (not connect to the die). Can be left floating or tied to GND or VCC.
10, 11, 12
10, 11, 12
T3IN, T2IN, T1IN
Input
TTL/CMOS Driver Input
13,14,15,
17, 18, 19
13,14,15,
17, 18, 19
R5OUT, R4OUT,
R3OUT, R2OUT,
R1OUT, R2OUT
Output
TTL/CMOS Receiver Output
20
20
Status
Output
TTL/CMOS level output indicating if no valid RS-232 levels are present at the R1IN or
R2IN input pins.
21
21
Shutdown
Input
TTL/CMOS level input, when driven low puts the part into shutdown mode (tri-stating
driver outputs and disabling the charge-pump); normal operation when driven high.
22
22
Online
Input
TTL/CMOS level input. A low input enables Auto On-Line mode, a high input disables
Auto On-Line Mode.
23, 28
23, 28
C1-, C1+
Analog
Negative and positive terminals of voltage doubler charge pump capacitor.
24
24
GND
Supply
Ground
-25
VL
Supply
I/O Power Supply
26
26
VCC
Supply
Power Supply
27
27
V+
Analog
Regulated positive (+5.5V) charge pump rail.
29, 30
29, 30
C2+, C2-
Analog
Positive and negative terminals of the inverting charge pump capacitor.
31
31
V-
Analog
Regulated positive (-5.5V) charge pump rail.
-
-
Paddle
Supply
Ground. The exposed paddle on the bottom of package is connected to device
ground. The paddle should be connected to ground on pcb.
1
2
3
4
5
17
6
18
R1IN
R2IN
T1OUT
T2OUT
R1OUT
C1-
GND
25
26
27
29
30
31
32
28
R3IN
R4IN
R5IN
T3OUT
R2OUT
R2OUT
XR32430
32 pin QFN (5x5mm)
1
2
3
4
5
17
6
18
R1IN
R2IN
T1OUT
T2OUT
R1OUT
C1-
GND
25
26
27
29
30
31
32
28
R3IN
R4IN
R5IN
T3OUT
R2OUT
R2OUT
XR32431
32 pin QFN (5x5mm)


Similar Part No. - XR32431EBCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F EXAR-XR32431EBCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EBCR-F/TR EXAR-XR32431EBCR-F/TR Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
More results

Similar Description - XR32431EBCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32430EBER-F EXAR-XR32430EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EUCRTR-F EXAR-XR32430EUCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EHCRTR-F EXAR-XR32430EHCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32220EBER-L EXAR-XR32220EBER-L Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220EBER-L-TR EXAR-XR32220EBER-L-TR Datasheet
647Kb / 16P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220 EXAR-XR32220_17 Datasheet
617Kb / 15P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32430 EXAR-XR32430 Datasheet
976Kb / 13P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR32330 EXAR-XR32330 Datasheet
711Kb / 13P
   3-Driver/3-Receiver Intelligent RS-232 Transceiver
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com