Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3819M5-L-5-0-TR Datasheet(PDF) 7 Page - Exar Corporation

Part # SPX3819M5-L-5-0-TR
Description  500mA Low-Noise LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SPX3819M5-L-5-0-TR Datasheet(HTML) 7 Page - Exar Corporation

Back Button SPX3819M5-L-5-0-TR Datasheet HTML 3Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 4Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 5Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 6Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 7Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 8Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 9Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 10Page - Exar Corporation SPX3819M5-L-5-0-TR Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SPX3819
500mA Low-Noise LDO Voltage Regulator
© 2013-2016 Exar Corporation
7/12
Rev. 2.0.3
Fig. 15 Output Noise vs Bypass Capacitor Value IL = 10mA,
10Hz - 100kHz
Fig. 16 Line Transient Response for 3.3V Device
Fig. 17 Load Transient Response for 3.3V Device
APPLICATION INFORMATION
The SPX3819 requires an output capacitor for
device stability. Its value depends upon the
application circuit. In general, linear regulator
stability decreases with higher output currents.
In applications where the SPX3819 is sourcing
less current, a lower output capacitance may be
sufficient. For example, a regulator outputting
only 10mA, requires approximately half the
capacitance as the same regulator sourcing
150mA.
Bench testing is the best method for
determining the proper type and value of the
capacitor
since
the
high
frequency
characteristics of electrolytic capacitors vary
widely, depending on type and manufacturer. A
high quality 2.2μF aluminum electrolytic
capacitor works in most application circuits, but
the same stability often can be obtained with a
1μF tantalum electrolytic.
With the SPX3819 adjustable version, the
minimum value of output capacitance is a
function of the output voltage. The value
decreases with higher output voltages, since
closed loop gain is increased.
TYPICAL APPLICATIONS CIRCUITS
A 10nF capacitor on the BYP pin will significantly
reduce output noise, but it may be left
unconnected if the output noise is not a major
concern. The SPX3819 start-up speed is
inversely proportional to the size of the BYP
capacitor. Applications requiring a slow rampup
of the output voltage should use a larger CBYP.
However, if a rapid turn-on is necessary, the
BYP capacitor can be omitted.


Similar Part No. - SPX3819M5-L-5-0-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819M5-L-5-0 SIPEX-SPX3819M5-L-5-0 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0 EXAR-SPX3819M5-L-5-0 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX3819M5-L-5-0/TR SIPEX-SPX3819M5-L-5-0/TR Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0/TR EXAR-SPX3819M5-L-5-0/TR Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
More results

Similar Description - SPX3819M5-L-5-0-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819_07 Datasheet
377Kb / 13P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
   500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com