Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP7685ER-L-TR Datasheet(PDF) 3 Page - Exar Corporation

Part # SP7685ER-L-TR
Description  1.2A Buck/Boost Charge Pump LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7685ER-L-TR Datasheet(HTML) 3 Page - Exar Corporation

  SP7685ER-L-TR Datasheet HTML 1Page - Exar Corporation SP7685ER-L-TR Datasheet HTML 2Page - Exar Corporation SP7685ER-L-TR Datasheet HTML 3Page - Exar Corporation SP7685ER-L-TR Datasheet HTML 4Page - Exar Corporation SP7685ER-L-TR Datasheet HTML 5Page - Exar Corporation SP7685ER-L-TR Datasheet HTML 6Page - Exar Corporation SP7685ER-L-TR Datasheet HTML 7Page - Exar Corporation SP7685ER-L-TR Datasheet HTML 8Page - Exar Corporation SP7685ER-L-TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
PIN DESCRIPTION
PIN
NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage for the charge pump. Decouple with
4.7µF ceramic capacitor close to the pins of the IC.
2C1
Positive input for the external flying capacitor. Connect
a ceramic 1µF capacitor close to the pins of the IC.
3C2
Negative input for the external flying capacitor. Connect
a ceramic 1µF capacitor close to the pins of the IC.
4
FLASH
Logic input to toggle operation between FLASH and
TORCH mode. In TORCH mode FB is regulated to the
internal 50mV reference. In FLASH mode FB reference
voltage can be adjusted by changing the resistor from
RSET pin to ground. Choose the external current sense
resistor (R
SENSE
) based on desired current in TORCH
mode. This pin does not have an internal pull-up/pull-
down; do not leave this pin floating.
5EN
Shutdown control input. Connect to VIN for normal
operation, connect to ground for shutdown. This pin
does not have an internal pull-up/pull-down; do not
leave this pin floating.
6RSET
Connect a resistor from this pin to ground. When in
FLASH mode (FLASH = High) this resistor sets the
current regulation point according to the following: VFB =
RSET*14uA/5 (Flash Mode)
7FB
Feedback input for the current control loop. Connect
directly to the current sense resistor.
8SGND
Internal ground pin. Control circuitry returns current to
this pin.
9PGND
Power ground pin.
Flying capacitor current returns
through this pin.
10
VOUT
Charge Pump Output Voltage.
Decouple with an
external capacitor.
At least 1µF is recommended.
Higher capacitor values reduce output ripple


Similar Part No. - SP7685ER-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7685ER-L SIPEX-SP7685ER-L Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L EXAR-SP7685ER-L Datasheet
267Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP7685ER-L/TR SIPEX-SP7685ER-L/TR Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L/TR EXAR-SP7685ER-L/TR Datasheet
267Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
More results

Similar Description - SP7685ER-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
   400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
   400mA Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
   1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com