Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6686ER-L-TR Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6686ER-L-TR
Description  400mA Buck/Boost Charge Pump LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6686ER-L-TR Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6686ER-L-TR Datasheet HTML 2Page - Exar Corporation SP6686ER-L-TR Datasheet HTML 3Page - Exar Corporation SP6686ER-L-TR Datasheet HTML 4Page - Exar Corporation SP6686ER-L-TR Datasheet HTML 5Page - Exar Corporation SP6686ER-L-TR Datasheet HTML 6Page - Exar Corporation SP6686ER-L-TR Datasheet HTML 7Page - Exar Corporation SP6686ER-L-TR Datasheet HTML 8Page - Exar Corporation SP6686ER-L-TR Datasheet HTML 9Page - Exar Corporation SP6686ER-L-TR Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
S
SP
P6
66
68
86
6
4
40
00
0m
mA
A B
Bu
ucck
k/
/B
Bo
oo
os
stt C
Ch
ha
arrg
ge
e P
Pu
um
mp
p L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
6/12
Rev. 2.0.0
Fig. 10: Ripple 1x Torch 150mA, Ch1=VIN, Ch2=VOUT
VIN=4.2V, CIN=4.7µF, CFC=0.47µF,COUT=2.2µF
Fig. 11: Ripple 2x Torch 150mA, Ch1=VIN, Ch2=VOUT
VIN=3.0V, CIN=4.7µF, CFC=0.47µF,COUT=2.2µF
Fig. 12: Output Current vs Supply Voltage
D1=AOT2015HPW-1915 LED, RSENSE=0.3Ω
RSET=106kΩ, CIN=2.2µF, CFC=0.47µF,COUT=1µF
Fig. 13: Output Current vs Supply Voltage
D1=AOT3228HPW0303B LED, RSENSE=0.3Ω
RSET=140kΩ, CIN=2.2µF, CFC=0.47µF,COUT=1µF
Fig. 14: Efficiency vs Supply Voltage
D1=AOT2015HPW-1915 LED, RSENSE=0.3Ω
RSET=106kΩ, CIN=2.2µF, CFC=0.47µF,COUT=1µF
Fig. 15: Efficiency vs Supply Voltage
D1=AOT3228HPW0303B LED, RSENSE=0.3Ω
RSET=140kΩ, CIN=2.2µF, CFC=0.47µF,COUT=1µF


Similar Part No. - SP6686ER-L-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6686ER-L EXAR-SP6686ER-L Datasheet
640Kb / 12P
   400mA Buck/Boost Charge Pump LED Driver
SP6686ER-L/TR EXAR-SP6686ER-L/TR Datasheet
640Kb / 12P
   400mA Buck/Boost Charge Pump LED Driver
More results

Similar Description - SP6686ER-L-TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
   400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
   400mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Lowpower Semiconductor ...
LP3367 POWER-LP3367 Datasheet
730Kb / 10P
   1A Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
   700mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
   700mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
   1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com