Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

060MS26ACMA1STD Datasheet(PDF) 1 Page - Kemet Corporation

Part # 060MS26ACMA1STD
Description  Aluminum Electrolytic, Motor Start, MS/A902, 60 uF, -0/25%, 260 V, -20/60C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

060MS26ACMA1STD Datasheet(HTML) 1 Page - Kemet Corporation

  060MS26ACMA1STD Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 7fe5f8a3-517e-4832-99a0-54bf288a2295
KEMET Part Number: 060MS26ACMA1STD
(A902GP060V260A)
Aluminum Electrolytic, Motor Start, MS/A902, 60 uF, -0/+25%, 260 V, -20/+60C
Dimensions
D
38mm +/-0.5mm
L
116mm MAX
Packaging Specifications
Packaging: Bulk
General Information
Dielectric: Aluminum Electrolytic
Series: MS/A902
Description: Motor Start Aluminum
Electrolytic
RoHS: Yes
Lead: Quick Connect
Specifications
Capacitance: 60 uF
Capacitance Tolerance: -0/+25%
Voltage AC: 260 VAC
Temperature Range: -20/+60C
Rated Temperature: 60C
Life: 500 Hrs
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - 060MS26ACMA1STD

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
060MS22AAMA1STD KEMET-060MS22AAMA1STD Datasheet
65Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 60 uF, -0/25%, 220 V, -20/60C
More results

Similar Description - 060MS26ACMA1STD

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
100MS26ACMA1STD KEMET-100MS26ACMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 100 uF, -0/25%, 260 V, -20/60C
040MS26ABMA1STD KEMET-040MS26ABMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 40 uF, -0/25%, 260 V, -20/60C
080MS26ACMA1STD KEMET-080MS26ACMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 80 uF, -0/25%, 260 V, -20/60C
125MS26ACMA1STD KEMET-125MS26ACMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 125 uF, -0/25%, 260 V, -20/60C
060MS22AAMA1STD KEMET-060MS22AAMA1STD Datasheet
65Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 60 uF, -0/25%, 220 V, -20/60C
050MS22AAMA1STD KEMET-050MS22AAMA1STD Datasheet
65Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 50 uF, -0/25%, 220 V, -20/60C
125MS22ACMA1STD KEMET-125MS22ACMA1STD Datasheet
65Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 125 uF, -0/25%, 220 V, -20/60C
400MS12ACMA1STD KEMET-400MS12ACMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 400 uF, -0/25%, 120 V, -20/60C
080MS22ABMA1STD KEMET-080MS22ABMA1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 80 uF, -0/25%, 220 V, -20/60C
080MS26AAMK1STD KEMET-080MS26AAMK1STD Datasheet
66Kb / 1P
   Aluminum Electrolytic, Motor Start, MS/A902, 80 uF, 10%, 260 V, -20/60C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com