Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3243ECA-L Datasheet(PDF) 7 Page - Exar Corporation

Part # SP3243ECA-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECA-L Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP3243ECA-L Datasheet HTML 3Page - Exar Corporation SP3243ECA-L Datasheet HTML 4Page - Exar Corporation SP3243ECA-L Datasheet HTML 5Page - Exar Corporation SP3243ECA-L Datasheet HTML 6Page - Exar Corporation SP3243ECA-L Datasheet HTML 7Page - Exar Corporation SP3243ECA-L Datasheet HTML 8Page - Exar Corporation SP3243ECA-L Datasheet HTML 9Page - Exar Corporation SP3243ECA-L Datasheet HTML 10Page - Exar Corporation SP3243ECA-L Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
7
Figure 9. SP3243E QFN Pinout Configuration
SP3243E
NC
R1IN
R2IN
R3IN
R4 IN
R5 IN
T1OUT
T2OUT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
GND
C1-
ONLINE
SHUTDOWN
STATUS
R2OUT
R1OUT
Figure 8. SP3243E Typical Operating Circuit
SP3243E
28
24
2
1
27
3
26
5kΩ
5kΩ
5kΩ
5kΩ
5kΩ
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
14
13
12
20
19
18
17
16
15
0.1µ F
0.1µ F
0.1µ F
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µ F
0.1µ F
9
10
11
4
5
6
7
8
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
To µ P Supervisor
Circuit
23
22
21
VCC
VCC
25
T1IN
R1OUT
R1IN
T2OUT
R2OUT
T2IN
T3IN
T3OUT
T1OUT
R2IN
R3IN
R4IN
R5IN
R2OUT
R3OUT
R4OUT
R5OUT
ONLINE
SHUTDOWN
STATUS


Similar Part No. - SP3243ECA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243ECA-L EXAR-SP3243ECA-L Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L EXAR-SP3243ECA-L Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L-TR EXAR-SP3243ECA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L/TR EXAR-SP3243ECA-L/TR Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3243ECA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EUEA-L-TR EXAR-SP3243EUEA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243E EXAR-SP3243E Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L-TR EXAR-SP3243ECA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com