Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3232EEY-L Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3232EEY-L
Description  True 3.0V to 5.5V RS-232 Transceivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EEY-L Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3232EEY-L Datasheet HTML 7Page - Exar Corporation SP3232EEY-L Datasheet HTML 8Page - Exar Corporation SP3232EEY-L Datasheet HTML 9Page - Exar Corporation SP3232EEY-L Datasheet HTML 10Page - Exar Corporation SP3232EEY-L Datasheet HTML 11Page - Exar Corporation SP3232EEY-L Datasheet HTML 12Page - Exar Corporation SP3232EEY-L Datasheet HTML 13Page - Exar Corporation SP3232EEY-L Datasheet HTML 14Page - Exar Corporation SP3232EEY-L Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
//htmlimg2.alldatasheet.com/htmldatasheet2/956036/EXAR/SP3232EEY-L/1160/11/SP3232EEY-L.png


Similar Part No. - SP3232EEY-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232EEY-L EXAR-SP3232EEY-L Datasheet
1Mb / 23P
   Meets true EIA/TIA-232-F Standards
SP3232EEY-L EXAR-SP3232EEY-L Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEY-L-TR EXAR-SP3232EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEY-L/TR EXAR-SP3232EEY-L/TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3232EEY-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3222ECY-L SIPEX-SP3222ECY-L Datasheet
207Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com