Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3238ECA-L Datasheet(PDF) 10 Page - Exar Corporation

Part # SP3238ECA-L
Description  Intelligent 3.0V to 5.5V RS-232 Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3238ECA-L Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP3238ECA-L Datasheet HTML 6Page - Exar Corporation SP3238ECA-L Datasheet HTML 7Page - Exar Corporation SP3238ECA-L Datasheet HTML 8Page - Exar Corporation SP3238ECA-L Datasheet HTML 9Page - Exar Corporation SP3238ECA-L Datasheet HTML 10Page - Exar Corporation SP3238ECA-L Datasheet HTML 11Page - Exar Corporation SP3238ECA-L Datasheet HTML 12Page - Exar Corporation SP3238ECA-L Datasheet HTML 13Page - Exar Corporation SP3238ECA-L Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3238E_100_020111
Figure 12. Charge Pump — Phase 2
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
-5.5V
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
Figure 11. Charge Pump — Phase 1
Figure 13. Charge Pump — Phase 3
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
Figure 14. Charge Pump — Phase 4
VCC = +5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
+5.5V


Similar Part No. - SP3238ECA-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3238ECA-L EXAR-SP3238ECA-L Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L EXAR-SP3238ECA-L Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L/TR EXAR-SP3238ECA-L/TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L/TR EXAR-SP3238ECA-L/TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
More results

Similar Description - SP3238ECA-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3221E SIPEX-SP3221E Datasheet
115Kb / 18P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3238EEY-L-TR EXAR-SP3238EEY-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238EE SIPEX-SP3238EE Datasheet
248Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3249EEY-L EXAR-SP3249EEY-L Datasheet
719Kb / 16P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3238 SIPEX-SP3238 Datasheet
252Kb / 19P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Exar Corporation
SP3221E EXAR-SP3221E_17 Datasheet
692Kb / 22P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3221E EXAR-SP3221E Datasheet
888Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238EEA-L EXAR-SP3238EEA-L Datasheet
936Kb / 20P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3238ECA-L-TR EXAR-SP3238ECA-L-TR Datasheet
854Kb / 21P
   Intelligent 3.0V to 5.5V RS-232 Transceiver
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com