Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFCN-6700 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LFCN-6700
Description  Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-6700 Datasheet(HTML) 1 Page - Mini-Circuits

  LFCN-6700 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Ratings
Pin Connections
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
9W max. at 25°C
DC Current Input to Output 0.5A max. at 25°C
*Passband rating, derate linearly to 3W at 100°C ambient.
Outline Drawing
Outline Dimensions (
)
inch
mm
AB
C
D
E
F
G
H
.126
.063
.039
.020
.032
.009
.169
.087
3.20
1.60
0.99
0.51
0.81
0.23
4.29
2.21
J
K
L
M
N
P
wt.
.024
.122
.024
.087
.012
.071 grams
0.61
3.10
0.61
2.21
0.30
1.80
.020
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Features
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• excellent power handling, 9W
• small size
• 7 sections
• temperature stable
• patent pending
Low Pass Filter Electrical Specifications1 (TAMB=25°C)
LFCN-6700
DC-6700
7600
9300
9500-12000
18000
20
1.3
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
f 20
Min.
fr 20
Typ.
30
Typ.
50.00
0.03
1.01
500.00
0.08
1.02
1000.00
0.15
1.01
3500.00
0.25
1.05
5000.00
0.47
1.16
6700.00
0.79
1.32
7600.00
3.12
3.22
8000.00
7.62
7.34
9000.00
26.00
21.20
10000.00
55.95
44.55
12000.00
34.91
108.58
15000.00
26.32
22.58
17000.00
23.79
18.90
18000.00
21.88
40.41
19890.00
22.46
2.30
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
LFCN-6700
INSERTION LOSS
0
10
20
30
40
50
60
70
0
2500
5000
7500
10000
12500
15000
17500
20000
FREQUENCY (MHz)
LFCN-6700
VSWR
1
10
100
1000
0
2500
5000
7500
10000
12500
15000
17500
20000
FREQUENCY (MHz)
K2-LFCN
60
5 of each: LFCN-800,-900,-1000,-1200,-1325,-1700,
119.95
-2000,-2250,-2400,-5000,-6000,-6700
designers kit available
Kit
No.
No. of
Units in Kit
Description
Price $
per Kit
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-6700D (DC Resistance to
ground is 100 Mohms min.)
RF IN
RF OUT
DC to 6700 MHz
Low Pass Filter
Ceramic
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
LFCN-6700
REV. C
M96263
LFCN-6700
EDR-6491/3
AD/RS/CP
050113
NEW!
Model
Price
Qty.
LFCN-6700
$1.99
(10-49)
LFCN-6700D
$2.49
(10-49)
CASE STYLE: FV1206


Similar Part No. - LFCN-6700

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-6700++ MINI-LFCN-6700+ Datasheet
276Kb / 1P
   LOW PASS FILTERS
LFCN-6700++ MINI-LFCN-6700+ Datasheet
322Kb / 1P
   LOW PASS FILTERS
LFCN-6700++ MINI-LFCN-6700+ Datasheet
319Kb / 1P
   LOW PASS FILTERS
More results

Similar Description - LFCN-6700

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
SCLF-420 MINI-SCLF-420 Datasheet
327Kb / 1P
   Low Pass Filter
SCLF-550 MINI-SCLF-550 Datasheet
334Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com