Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIUA100-S05 Datasheet(PDF) 1 Page - Vitec Power

Part # SIUA100-S05
Description  100W U-Bracket Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIUA100-S05 Datasheet(HTML) 1 Page - Vitec Power

  SIUA100-S05 Datasheet HTML 1Page - Vitec Power SIUA100-S05 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIUA100 SERIES
100W U-Bracket Power Supply for Industrial Equipment
Wide Input Voltage90 to 260 VAC, 47 to 63Hz
Single Output
Output voltage available from 3 to 50 VDC
Input Surge Current and Overload protection
Over Voltage Protection (Crowbar Design)
Class I Insulation
Operating temperature -20~70°C
Active Power Factor Correction
Input connector mates with Molex housing 09-50-3051 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3131 and Molex 2478 series crimp terminal
Size: 3.2"x5"x1.38"
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIUA100-S01
3 - 5 VDC
18.00 - 10.80 A
5%
54W
SIUA100-S02
5 - 6 VDC
14.00 - 11.66 A
5%
70W
SIUA100-S03
6 - 9 VDC
13.33 - 8.88 A
5%
80W
SIUA100-S04
9 - 11 VDC
11.11 - 9.09 A
5%
100W
SIUA100-S05
11 - 13 VDC
9.09 - 7.69 A
3%
100W
SIUA100-S06
13 - 16 VDC
7.69 - 6.25 A
3%
100W
SIUA100-S07
16 - 21 VDC
6.25 - 4.76 A
3%
100W
SIUA100-S08
21 - 27 VDC
4.76 - 3.70 A
2%
100W
SIUA100-S09
27 - 33 VDC
3.70 - 3.03 A
2%
100W
SIUA100-S10
33 - 40 VDC
3.03 - 2.50 A
2%
100W
SIUA100-S11
40 - 50 VDC
2.50 - 2.00 A
2%
100W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io = Full load, Vin = 90-260VAC
0.95
0.91
1.0
Output Power Range
Vin=90 to 264VAC
0
100
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
2.0
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
44
50
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
85
100
A
Efficiency
Io=Full Load, Vin=230VAC
70
80
85
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max


Similar Part No. - SIUA100-S05

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA100-S05 Vitec-SIUA100-S05 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
More results

Similar Description - SIUA100-S05

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIUA100-SERIES Vitec-SIUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
SIUA101-SERIES Vitec-SIUA101-SERIES Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
SIUA101 Vitec-SIUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101 Vitec-STUA101 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101-SERIES Vitec-STUA101-SERIES Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
SIUA150 Vitec-SIUA150 Datasheet
415Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
SIUA61-SERIES Vitec-SIUA61-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com