Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLW3025-18PA1B Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MLW3025-18PA1B
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MLW3025-18PA1B Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  MLW3025-18PA1B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-18PA1B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-18PA1B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-18PA1B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-18PA1B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-18PA1B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MLW3025-18PA1B Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Series MLW
Snap-in Miniature Rockers
B112
B
www.nkkswitches.com
PANEL CUTOUTS & THICKNESSES
Without Bezel
.039” ~ .157” (1.0mm ~ 4.0mm)
INSTALLATION & MAINTENANCE
(16.7)
.657
(18.7)
.736
(19.2) Sq
.755
With Standard Bezel AT204
.039” ~ .118” (1.0mm ~ 3.0mm)
With Large Bezel AT9201
.039” ~ .118” (1.0mm ~ 3.0mm)
(16.7)
.657
(18.7)
.736
LED (+) Marking this side
Actuator (+) Marking
Note: When changing LEDs, match
the positive polarity markings on
both lamp base and actuator block.
LEGENDS
NKK Switches can provide custom legends for caps. Contact factory for more information.
(20.0)
.787
(4.67) Typ
.184
(18.48) Typ
.728
(3.15) Typ
.124
(0.76) Typ
.030
(0.76) Typ
.030
(0.76) Typ
.030
START
Recommended Print Method:
Pad Print
Epoxy based ink is recommended
(3.8) Dia
.150
(20.0)
.787
(5.0) Dia
.197
Lamps and LEDs can be changed without
removing the switch from the panel. The
lamp extractor AT107 assists in removing
lamps and LEDs.
AT107
Lamp Extractor
(16.0)
.630
(14.48)
.570
(12.6)
.496
(9.56)
.376
(1.52) Typ
.060
(0.76) Typ
.030
(8.16)
.321
(14.6)
.575
(13.08)
.515
(11.2)
.441
(1.52) Typ
.060
(0.76) Typ
.030
Rocker
Design Rocker & LED Rocker
Bezel
Shaded areas are printable areas.


Similar Part No. - MLW3025-18PA1B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MLW3025-18 NKK-MLW3025-18 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
MLW3025-18-RA-1A NKK-MLW3025-18-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3025-18-RA-1A NKK-MLW3025-18-RA-1A Datasheet
256Kb / 7P
   General Specifications
MLW3025-18-RA-1B NKK-MLW3025-18-RA-1B Datasheet
256Kb / 7P
   General Specifications
MLW3025-18-RA-1C NKK-MLW3025-18-RA-1C Datasheet
256Kb / 7P
   General Specifications
More results

Similar Description - MLW3025-18PA1B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com