Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV74330PDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74330PDBVR
Description  300-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74330PDBVR Datasheet(HTML) 3 Page - Texas Instruments

  TLV74330PDBVR Datasheet HTML 1Page - Texas Instruments TLV74330PDBVR Datasheet HTML 2Page - Texas Instruments TLV74330PDBVR Datasheet HTML 3Page - Texas Instruments TLV74330PDBVR Datasheet HTML 4Page - Texas Instruments TLV74330PDBVR Datasheet HTML 5Page - Texas Instruments TLV74330PDBVR Datasheet HTML 6Page - Texas Instruments TLV74330PDBVR Datasheet HTML 7Page - Texas Instruments TLV74330PDBVR Datasheet HTML 8Page - Texas Instruments TLV74330PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Thermal
Pad
1
IN
2
GND
3
EN
4
NC
5
OUT
Not to scale
3
TLV743P
www.ti.com
SBVS310 – JULY 2017
Product Folder Links: TLV743P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
NC- no internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Enable pin. Drive EN greater than 0.9 V to turn on the regulator.
Drive EN less than 0.35 V to put the LDO into shutdown mode.
GND
2
Ground pin
IN
1
I
Input pin. A small capacitor is recommended from this pin to ground.
See Input and Output Capacitor Selection for more details.
NC
4
No internal connection
OUT
5
O
Regulated output voltage pin. For best transient response, use a small 1-μF ceramic
capacitor from this pin to ground.
See Input and Output Capacitor Selection for more details.
Thermal pad
The thermal pad is electrically connected to the GND node.
Connect to the GND plane for improved thermal performance.


Similar Part No. - TLV74330PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV74330PDBVR TI1-TLV74330PDBVR Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74330PDBVR TI1-TLV74330PDBVR Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74330PDBVR TI-TLV74330PDBVR Datasheet
1Mb / 38P
[Old version datasheet]   TLV743P 300-mA, Low-Dropout Regulator
More results

Similar Description - TLV74330PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com