Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV74310PDBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV74310PDBVR
Description  300-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74310PDBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV74310PDBVR Datasheet HTML 1Page - Texas Instruments TLV74310PDBVR Datasheet HTML 2Page - Texas Instruments TLV74310PDBVR Datasheet HTML 3Page - Texas Instruments TLV74310PDBVR Datasheet HTML 4Page - Texas Instruments TLV74310PDBVR Datasheet HTML 5Page - Texas Instruments TLV74310PDBVR Datasheet HTML 6Page - Texas Instruments TLV74310PDBVR Datasheet HTML 7Page - Texas Instruments TLV74310PDBVR Datasheet HTML 8Page - Texas Instruments TLV74310PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TLV743P
SBVS310 – JULY 2017
www.ti.com
Product Folder Links: TLV743P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6 Specifications
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted); all voltages are with respect to GND
(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
6
V
VEN
–0.3
VIN + 0.3
VOUT
–0.3
3.6
Current
IOUT
Internally limited
A
Output short-circuit duration
Indefinite
Temperature
Operating junction, TJ
–40
150
°C
Storage, Tstg
–65
160
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input range
1.4
5.5
V
VOUT
Output range
1
3.3
V
IOUT
Output current
0
300
mA
VEN
Enable range
0
VIN
V
TJ
Junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV743P
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
228.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
151.5
°C/W
RθJB
Junction-to-board thermal resistance
55.8
°C/W
ψJT
Junction-to-top characterization parameter
31.4
°C/W
ψJB
Junction-to-board characterization parameter
54.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - TLV74310PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV74310PDBVR TI1-TLV74310PDBVR Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74310PDBVR TI1-TLV74310PDBVR Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV74310PDBVR TI-TLV74310PDBVR Datasheet
1Mb / 38P
[Old version datasheet]   TLV743P 300-mA, Low-Dropout Regulator
More results

Similar Description - TLV74310PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com