Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2875BQGCP Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2875BQGCP
Description  Synchronous Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2875BQGCP Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2875BQGCP Datasheet HTML 1Page - Richtek Technology Corporation RT2875BQGCP Datasheet HTML 2Page - Richtek Technology Corporation RT2875BQGCP Datasheet HTML 3Page - Richtek Technology Corporation RT2875BQGCP Datasheet HTML 4Page - Richtek Technology Corporation RT2875BQGCP Datasheet HTML 5Page - Richtek Technology Corporation RT2875BQGCP Datasheet HTML 6Page - Richtek Technology Corporation RT2875BQGCP Datasheet HTML 7Page - Richtek Technology Corporation RT2875BQGCP Datasheet HTML 8Page - Richtek Technology Corporation RT2875BQGCP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT2875A/B
2
DS2875A/B-05
October 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 2
SW
Switch Node. Connect to external L-C filter.
3,
15 (Exposed Pad)
PGND
Power Ground. The exposed pad must be soldered to a large PCB and
connected to PGND for maximum power dissipation.
4
RT/SYNC
Oscillator Resistor and External Frequency Synchronization Input. Must connect
a resistor from this pin to GND to set the switching frequency. If SYNC clock is
requested, connect an external clock to change the switching frequency.
5
AGND
Analog Ground.
6
RLIM
Current Limit Setting. Connect a resistor from this pin to GND to set the current
limit value.
7
FB
Feedback Voltage Input. The pin is used to set the output voltage of the
converter to regulate to the desired via a resistive divider. Feedback reference =
0.6V.
8
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND. In some cases, an additional
capacitor from COMP to GND is required.
9
SS
Soft-Start Time Setting. Connect a capacitor from SS to GND to set the
soft-start period.
10
EN
Enable Control Input. High = Enable.
11
PGOOD
Power Good Indicator Output.
12, 13
VIN
Power Input. Support 4.5V to 36V input voltage. Must bypass with a suitable
large ceramic capacitor at this pin.
14
BOOT
Bootstrap Supply for High-Side Gate Driver. Connect a 0.1
F ceramic capacitor
between the BOOT and SW pins.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
CP: TSSOP-14 (Exposed Pad)
RT2875A/B
Lead Plating System
G : Green (Halogen Free and Pb Free)
AQ : Latched UVP
BQ : Hiccup Mode UVP
Marking Information
RT2875BQ
GCPYMDNN
RT2875BQGCP : Product Number
YMDNN : Date Code
RT2875AQ
GCPYMDNN
RT2875AQGCP : Product Number
YMDNN : Date Code
RT2875AQGCP
RT2875BQGCP


Similar Part No. - RT2875BQGCP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2872GSP RICHTEK-RT2872GSP Datasheet
699Kb / 11P
   RT2872 Step-Down Converter Evaluation Board
More results

Similar Description - RT2875BQGCP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com