Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2702GQW Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT2702GQW
Description  Step-Down DC-DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2702GQW Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT2702GQW Datasheet HTML 2Page - Richtek Technology Corporation RT2702GQW Datasheet HTML 3Page - Richtek Technology Corporation RT2702GQW Datasheet HTML 4Page - Richtek Technology Corporation RT2702GQW Datasheet HTML 5Page - Richtek Technology Corporation RT2702GQW Datasheet HTML 6Page - Richtek Technology Corporation RT2702GQW Datasheet HTML 7Page - Richtek Technology Corporation RT2702GQW Datasheet HTML 8Page - Richtek Technology Corporation RT2702GQW Datasheet HTML 9Page - Richtek Technology Corporation RT2702GQW Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RT2702
www.richtek.com
DS2702-00 October 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VREF
Internal Reference Voltage
VREF
TA = 25°C
0.597
0.6
0.603
V
Output Voltage Accuracy
VFB
VFB to RGND excluding external
resistor divider tolerance
-1
--
1
%
Switching Frequency Control
Switching Frequency
fSW
VIN = 6V, VOUT = 1V,
RTON = 390k
--
500
--
kHz
Minimum Turn Off Time (LG on) tOFF_MIN
VFB = 0.55V
--
275
400
ns
Minimum Skip Mode Frequency
VFB > 0.6V
20
--
--
kHz
Soft- Start
Soft Start Setting Current
ISS
8
10
12
A
Internal Soft Start
tSS_INT
VSS = VDRV, 10% VREF to 90%
VREF
1
3
5
ms
Soft- Off
Soft Off Bleeding Resistor
RDIS
--
30
--

Over Current Protection
VILIM Output Voltage
VILIM
1.188
1.2
1.212
V
Over Current Threshold Offset
VOC_OFS
VCSP  VCSN = VILIM x (RCS/RILIM)
= 50mV
3
--
3
mV
Zero Current Threshold
VZC
GND – PHASE
6
--
2
mV
Protection and PGOOD
POK Output Voltage
Logic low, sinking 4 mA
--
--
0.4
V
OVP Threshold
VOVP
VFB rising
108.5
112.5
116.5
%
UVP Threshold
VUVP
VFB falling
83.5
87.5
91.5
%
Power Good Low Delay
tPOK_DLY
--
10
--
s
PWM Driving Capability
PWM Source Resistor
RPWM_SRC
VDRV to PWM
--
--
35
PWM Sink Resistor
RPWM_SK
PWM to GND
--
--
15
Logic I/O
EN Input Voltage
VEN_OFF
Controller OFF
--
0.925
--
V
VEN_ON
Controller ON
--
1
--
V
MODE Input Voltage
VMODE_L
ASM (Audio Skipping Mode)
--
--
0.4
V
VMODE_H
FCCM
1.2
--
--
V
THWN
Input Voltage
THWN_L
V
PWM float, VDRV remains ON
--
--
0.4
V
THWN_H
V
Normal operation
2
--
--
V
DISB Output Resistor
DISB_SRC
V
VDRV to DISB
--
--
55
DISB_SK
V
DISB to GND
--
--
30


Similar Part No. - RT2702GQW

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2710B6 CTS-RT2710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT2710B6TR13 CTS-RT2710B6TR13 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT2710B6TR7 CTS-RT2710B6TR7 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT2710B7 CTS-RT2710B7 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT2710B7TR13 CTS-RT2710B7TR13 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
More results

Similar Description - RT2702GQW

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com