Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP5006R Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # NP5006R
Description  Press Fit Diode, 50A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NP5006R Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  NP5006R Datasheet HTML 1Page - Naina Semiconductor ltd. NP5006R Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
NP5002(R) thru
NP5006(R)
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Package Outline
(All dimensions in mm)
Ordering Table
NP
50
02
R
1
2
3
4
1 – Press-fit Diode
2 – Current Rating = IF (AV)
3 – Voltage, VRRM (as per table)
4 – Polarity:
>
None = Normal (Cathode to Base) (Red Color Epoxy)
>
R = Reverse (Anode to Base) (Black Color Epoxy)
PACKAGE A
PACKAGE B


Similar Part No. - NP5006R

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Naina Semiconductor ltd...
NP5002R NAINA-NP5002R Datasheet
135Kb / 2P
   Press Fit Diode, 50A
logo
Shanghai Shunye Electro...
NP5005 SHUNYE-NP5005 Datasheet
235Kb / 2P
   1/2 PRESS-FIT STRAIGHT LEAD DIODES
More results

Similar Description - NP5006R

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NP5002R NAINA-NP5002R Datasheet
135Kb / 2P
   Press Fit Diode, 50A
logo
Won-Top Electronics
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
   50A 1/2 PRESS-FIT DIODE
MD5000 WTE-MD5000_14 Datasheet
32Kb / 2P
   50A MOTOROLA TYPE PRESS-FIT DIODE
PF5000 WTE-PF5000_14 Datasheet
32Kb / 2P
   50A 1/2 PRESS-FIT DIODE
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
MD5000 WTE-MD5000 Datasheet
30Kb / 2P
   50A MOTOROLA TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
23Kb / 2P
   50A 1/2 PRESS-FIT DIODE
MD5020 WTE-MD5020_14 Datasheet
32Kb / 2P
   50A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com