Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2019TJG01-SC Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2019TJG01-SC
Description  General Specifications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2019TJG01-SC Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2019TJG01-SC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2019TJG01-SC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2019TJG01-SC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2019TJG01-SC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2019TJG01-SC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2019TJG01-SC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2019TJG01-SC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2019TJG01-SC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2019TJG01-SC Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Series M
Miniature Rockers
B63
B
www.nkkswitches.com
Distinctive Characteristics
Three methods of panel mounting: flat frame for flush with face or subpanel,
snap-in, and PCB.
High insulating barriers increase isolation of circuits in multipole devices
and provide added protection to contact points.
The molded diallyl phthalate case has a UL 94V-0
flammability rating.
Epoxy sealed terminals prevent entry of solder flux
and other contaminants.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Bias guard prevents misalignment of contacts;
interlocking of actuator block with rocker and
internal guide does not allow transmission of
diagonal force on rocker to reach contact
mechanism.
Clinching of the frame to the case well above the base
and terminals provides 1,500V dielectric strength.
Actual Size
Flat Frame Mount
Page B83
Bracket PC Mount Page B72
Snap-in Mount
Page B64


Similar Part No. - M2019TJG01-SC

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2019TNA NKK-M2019TNA Datasheet
332Kb / 10P
   Miniature Rockers
M2019TNG NKK-M2019TNG Datasheet
332Kb / 10P
   Miniature Rockers
M2019TNW NKK-M2019TNW Datasheet
332Kb / 10P
   Miniature Rockers
M2019TYA NKK-M2019TYA Datasheet
332Kb / 10P
   Miniature Rockers
M2019TYG NKK-M2019TYG Datasheet
332Kb / 10P
   Miniature Rockers
More results

Similar Description - M2019TJG01-SC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com