Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS74116AGX-8 Datasheet(PDF) 11 Page - GSI Technology

Part # GS74116AGX-8
Description  256K x 16 4Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74116AGX-8 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS74116AGX-8 Datasheet HTML 6Page - GSI Technology GS74116AGX-8 Datasheet HTML 7Page - GSI Technology GS74116AGX-8 Datasheet HTML 8Page - GSI Technology GS74116AGX-8 Datasheet HTML 9Page - GSI Technology GS74116AGX-8 Datasheet HTML 10Page - GSI Technology GS74116AGX-8 Datasheet HTML 11Page - GSI Technology GS74116AGX-8 Datasheet HTML 12Page - GSI Technology GS74116AGX-8 Datasheet HTML 13Page - GSI Technology GS74116AGX-8 Datasheet HTML 14Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Pin A1
Index
A1
E
Top View
Side View
D
A
aaa
Pin A1
Index
E1
Bottom View
D1
c
e
e
Solder Ball
fb
Symbol
Unit: mm
A
1.10±0.10
A1
0.20~0.30
fb
f0.30~0.40
c
0.36(TYP)
D
10.0±0.05
D1
5.25
E
6.0±0.05
E1
3.75
e
0.75(TYP)
aaa
0.10
A B C D E F G H
1
2
3
4
5
6
GS74116AGP/X
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.10 1/2013
11/13
© 2001, GSI Technology
6 mm x 10 mm FP-BGA


Similar Part No. - GS74116AGX-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74116AGX-8 GSI-GS74116AGX-8 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-8 GSI-GS74116AGX-8 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-8I GSI-GS74116AGX-8I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-8I GSI-GS74116AGX-8I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results

Similar Description - GS74116AGX-8

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com