Electronic Components Datasheet Search |
|
M2018TJG07-GC Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M2018TJG07-GC Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
8 / 29 page Series M Snap-In Mount Miniature Rockers B69 B www.nkkswitches.com Top LED Bottom LED Top LED Bottom LED AT070 AT617 AT618 Color Red Green Red Yellow Green Red Yellow Green Maximum Forward Current I FM 25mA 50mA 30mA 30mA 25mA 25mA 30mA 25mA Typical Forward Current I F 20mA 30mA 20mA 20mA 20mA 20mA 20mA 20mA Forward Voltage V F 2.8V 2.1V 2.0V 2.1V 2.2V 2.25V 2.1V 2.2V Maximum Reverse Voltage V RM 4V 5V 5V 5V 5V 5V 5V 5V Current Reduction Rate Above 25°C ∆I F 0.33 mA/°C 0.40 mA/°C 0.40 mA/°C 0.40 mA/°C 0.33 mA/°C 0.33 mA/°C 0.40 mA/°C 0.33 mA/°C Ambient Temperature Range (when used with a bezel) –10° ~ +70°C –15° ~ +70°C –25° ~ +70°C LED COLORS & SPECIFICATIONS Bezel Orientation on Switch AT070 LED For Bezel AT208 with 1 LED The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is independent of switch operation. LED is colored in OFF state. If the source voltage is greater than the rated voltage of the LED, a ballast resistor must be connected in series with the lamp. The ballast resistor calculation and more lamp detail are shown in the Supplement section. (+) (-) AT617 LED For Bezel AT212 with 2 Round LEDs AT618 LED For Bezel AT213 with 2 Rectangular LEDs Note: Lead lengths may differ from manufacturing lot to lot. The longer lead is the anode (+). F E C F E C C F (5.08) Dia .200 (7.7) .303 (+) (-) (5.0) .197 (3.0) Dia .118 (+) (-) (7.0) .276 (5.0) .197 (+) (-) LEGENDS NKK Switches can provide custom legends for caps. Contact factory for more information. Suggested Printable Area for Cap AT4150 Recommended Print Method: Pad Print Epoxy based ink is recommended. ON (9.91) .390 (3.36) Typ .132 (11.43) .450 (0.76) Typ .030 (0.76) Typ .030 (0.38) Typ .015 (4.5) Typ .177 Shaded areas are printable areas. |
Similar Part No. - M2018TJG07-GC |
|
Similar Description - M2018TJG07-GC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |