Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1511174010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1511174010
Description  2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1511174010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1511174010 Datasheet HTML 1Page - Molex Electronics Ltd. 1511174010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/27/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1511174010
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
2.00mm Pitch Milli-Grid™ Header, Through Hole, Dual Row, Vertical, 2.00µm Tin (Sn)
Plating, without Peg, 3.60mm PC Tail Length, without Pick and Place Cap, 10 Circuits,
Low-Halogen, Tube
Documents:
Drawing (PDF)
Packaging Specification PK-151117-3000 (PDF)
Product Specification PS-151117-0001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification PK-151117-0001 (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
151117
Application
Board-to-Board, Signal, Wire-to-Board
Overview
Milli-Grid™ Connector System
Product Literature Order No
987651-5501
Product Name
Milli-Grid™
UPC
889056810081
Physical
Breakaway
No
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Under Evaluation
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Tin over Nickel
Material - Plating Termination
Tin over Nickel
Material - Resin
Liquid Crystal Polymer
Net Weight
0.526/g
Number of Rows
2
Orientation
Vertical
PC Tail Length
3.60mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
2.60mm
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Pitch - Termination Interface
2.00mm
Plating min - Mating
2.000µm
Plating min - Termination
2.000µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
151117 Series
Mates With
Milli-Grid™ Receptacle Housing (Low-
Halogen) 151192 <br>Milli-Grid™
Receptacle Housing 51110 <br>Milli-Grid™
PCB Receptacles 78787 , 78788 , 79107 ,
79109


Similar Part No. - 1511174010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511174012 MOLEX1-1511174012 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174014 MOLEX1-1511174014 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174016 MOLEX1-1511174016 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174018 MOLEX1-1511174018 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
More results

Similar Description - 1511174010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1511174008 MOLEX1-1511174008 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174054 MOLEX1-1511174054 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174068 MOLEX1-1511174068 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511175414 MOLEX1-1511175414 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174016 MOLEX1-1511174016 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174066 MOLEX1-1511174066 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174416 MOLEX1-1511174416 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511173460 MOLEX1-1511173460 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174070 MOLEX1-1511174070 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511174412 MOLEX1-1511174412 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
1511173466 MOLEX1-1511173466 Datasheet
55Kb / 2P
   2.00mm Pitch Milli-Grid Header, Through Hole, Dual Row, Vertical, 2.00關m Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com