Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS5C372B-E2-F Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RS5C372B-E2-F
Description  I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RS5C372B-E2-F Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RS5C372B-E2-F Datasheet HTML 7Page - RICOH electronics devices division RS5C372B-E2-F Datasheet HTML 8Page - RICOH electronics devices division RS5C372B-E2-F Datasheet HTML 9Page - RICOH electronics devices division RS5C372B-E2-F Datasheet HTML 10Page - RICOH electronics devices division RS5C372B-E2-F Datasheet HTML 11Page - RICOH electronics devices division RS5C372B-E2-F Datasheet HTML 12Page - RICOH electronics devices division RS5C372B-E2-F Datasheet HTML 13Page - RICOH electronics devices division RS5C372B-E2-F Datasheet HTML 14Page - RICOH electronics devices division RS5C372B-E2-F Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
RS5C372B
10
PIN DESCRIPTIONS
Pin No.
Symbol
Name
Description
2
SCL
Serial Clock Line
This pin is used to input shift clock pulses to synchronize data
input/output to and from the SDA pin with this clock.
Up to 6V
beyond VDD may be input.
3
SDA
Serial Data Line
This pin inputs and outputs written or read data in synchronization
with shift clock pulses from the SCL pin. Up to 6V beyond VDD may
be input. This pin functions as an Nch open drain output.
5
INTR
Interrupt Output
This pin outputs periodic interrupt pulses and alarm interrupt
(Alarm_A, Alarm_B) to the CPU. This pin is off when power is
activated from 0V. This pin functions as an Nch open drain
output.
1
32KOUT
32-kHz Clock Output
The 32KOUT pin is used to output 32.768kHz clock pulses(when
32.768kHz crystal is used).Enabled at power-on from 0volts.
CMOS output. The RS5C372B can disable 32-kHz clock output
in response to a command from the host computer.
7
6
OSCIN
OSCOUT
Oscillator Circuit
Input/Output
These pins configure an oscillator circuit by connecting a
32.768kHz or 32.000kHz crystal oscillator between the OSCIN
-OSCOUT pins. (Any other oscillator circuit components are
built into the RS5C372A.)
8
4
VDD
VSS
Positive Power Supply Input
Negative Power Supply Input
The VDD pin is connected to the positive power supply and VSS
to the ground.
ABSOLUTE MAXIMUM RATINGS
(VSS
0V)
Symbol
Item
Conditions
Ratinge
Unit
VDD
Supply Voltage
0.3 to 7.0
V
VI
Input Voltag
SCL, SDA
0.3 to 7.0
V
VO
Output Voltage 1
SDA
0.3 to 7.0
V
Output Voltage 2
INTR
0.3 to 12
Output Voltage 3
32KOUT
0.3 to VDD0.3
PD
Power Dissipation
Topt
25C
300
mW
Topt
Operating Temperature
40 to 85
C
Tstg
Storage Temperature
55 to 125
C
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under
any conditions. Moreover, such values for any two items must not be reached simultaneously.
Operation
above these absolute maximum ratings may cause degradation or permanent damage to the device.
These are stress ratings only and do not necessarily imply functional operation below these limits.


Similar Part No. - RS5C372B-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C372B-E2 RICOH-RS5C372B-E2 Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
More results

Similar Description - RS5C372B-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RS5C372A-E2-F RICOH-RS5C372A-E2-F Datasheet
402Kb / 57P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC
RS5C372A RICOH-RS5C372A Datasheet
442Kb / 59P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK ICs
logo
MICORO CRYSTAL SWITZERL...
RV-8564 MICROCRYSTAL-RV-8564 Datasheet
1Mb / 40P
   I2C-Bus Interface Real Time Clock
logo
RICOH electronics devic...
RS5C372B RICOH-RS5C372B Datasheet
474Kb / 39P
   I2C-bus Serial Interface Real Time Clock (8pin SSOP)
RV5C386A RICOH-RV5C386A_03 Datasheet
377Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
RV5C387A RICOH-RV5C387A_03 Datasheet
376Kb / 49P
   I2C bus SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Epson ToYoCom
RTC-8564JE EPSONTOYOCOM-RTC-8564JE Datasheet
409Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
RX-8025SA EPSONTOYOCOM-RX-8025SA Datasheet
364Kb / 2P
   I2C-Bus INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com