Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2061L03-E2 Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R2061L03-E2
Description  3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2061L03-E2 Datasheet(HTML) 4 Page - RICOH electronics devices division

  R2061L03-E2 Datasheet HTML 1Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 2Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 3Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 4Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 5Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 6Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 7Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 8Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
R2061x
NO.EA-112-160701
4
* R2061K (FFP12) is the discontinued product as of July, 2016.
PIN DESCRIPTION
Symbol
Item
Description
CE
Chip enable
Input
The CE pin is used for interfacing with the CPU.
Should be held high to
allow access to the CPU.
Incorporates a pull-down resistor.
Should be
held low or open when the CPU is powered off.
Allows a maximum input
voltage of 5.5 volts regardless of supply voltage.
SCLK
Serial
Clock Input
The SCLK pin is used to input clock pulses synchronizing the input and
output of data to and from the SIO pin.
Allows a maximum input voltage of
5.5 volts regardless of supply voltage.
SIO
Serial
Input / Output
The SIO pin is used to input or output data intended for writing or reading in
synchronization with the SCLK pin.
INTR
Interrupt
Output
The INTR pin is used to output alarm interrupt (Alarm_W) and alarm
interrupt (Alarm_D) and output periodic interrupt signals to the CPU signals.
Disabled at power-on from 0V. Nch. open drain output.
VCC
Main Battery
input
Supply power to the IC.
VSB
Power Supply
Input for Backup
Battery
Connect a primary battery for backup. Normally, power is supplied from
VCC to the IC. If VCC level is equal or less than –VDET1, power is supplied
from this pin.
OSCIN
OSCOUT
Oscillation
Circuit
Input / Output
The OSCIN and OSCOUT pins are used to connect the 32.768-kHz quartz
crystal unit (with all other oscillation circuit components built into the
R2061x).
VDD
Positive Power
Supply Input
The VDD pin is connected to the power supply. Connect a capacitor as
much as 0.1
F between VDD and VSS. In the case of using a secondary
battery, connecting the secondary battery to this pin is possible.
VDCC
VCC Power
Supply Monitoring
Result Output
While monitoring VCC Power supply, if the voltage is equal or lower than
–VDET1, this output level is “L”. When VDCC becomes “L”, SW1 turns off
and SW2 turns on. As a result, power is supplied from VSB pin to the
internal real time clock. When VCC is equal to +VDET1 or more, SW1 turns on
and SW2 turns off. After t DELAY passed, VDCC output becomes off, or
“H”.
Nch Open-drain output.
CIN
Noise Bypass Pin
To stabilize the internal reference, connect a capacitor as much as 0.1uF
between this pin and VSS.
VSS
Negative Power
Sup Supply Input
The VSS pin is grounded.
N.C.
No Connection


Similar Part No. - R2061L03-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K01-E2 RICOH-R2061K01-E2 Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K03-E2 RICOH-R2061K03-E2 Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061S02-E2 RICOH-R2061S02-E2 Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results

Similar Description - R2061L03-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2051 RICOH-R2051 Datasheet
717Kb / 58P
   2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com