Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300Z150A Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 300Z150A
Description  300W Zener Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

300Z150A Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  300Z150A Datasheet HTML 1Page - Naina Semiconductor ltd. 300Z150A Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
300Z, 301Z
Series
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
(1) TC = 25
oC, T
p = 1 ms
(2) TC = 25
oC, I = max. I
R = 5.0 mA
Electrical Specifications (TC = 25
oC, unless otherwise noted)
Symbol
Parameters
Conditions
300Z/301Z
Units
PZ
Maximum Zener power rating
TC = 125
oC
300
W
VZ
Zener voltage range
34.5 – 150
V
IR
Maximum leakage current
@ test voltage level
5.0
mA
Thermal & Mechanical Specifications (TC = 25
oC, unless otherwise noted)
Symbol
Parameters
300Z/301Z
Units
Tj
Max. operating junction temperature range
-40 to +175
oC
Tstg
Max. storage temperature range
-40 to +175
oC
RthJC
Thermal resistance, junction to case
0.18
oC/W
RthCS
Thermal resistance, case to sink
0.08
oC/W
F
Mounting torque
33 to 37
Nm
W
Approximate weight
178
g
Voltage Ratings (TC = 25
oC, unless otherwise noted)
Part numbers
VZ, Nominal Zener
Voltage
VZSM, Max. Zener Voltage @ max.
Zener Current (IZSM)
VR, Min. Reverse
Voltage
(2)
Tolerance @ Test
Current
IZT = 1.0 A
VZSM
@IZSM
(1)
(V)
(V)
(A)
(V)
(%)
300Z34.5
301Z34.5
34.5
54
550
23
20
300Z50
301Z50
50
78
380
35
20
300Z75
301Z75
75
117
250
52
20
300Z100
301Z100
100
156
190
69
20
300Z125
301Z125
125
195
150
87
20
300Z150
301Z150
150
234
120
104
20
300Z34.5A
301Z34.5A
34.5
49
610
27
10
300Z50A
301Z50A
50
72
410
39
10
300Z75A
301Z75A
75
107
280
58
10
300Z100A
301Z100A
100
143
210
78
10
300Z125A
301Z125A
125
179
160
98
10
300Z150A
301Z150A
150
215
140
117
10
300Z34.5B
301Z34.5B
34.5
47
630
28
5
300Z50B
301Z50B
50
68
440
41
5
300Z75B
301Z75B
75
102
290
61
5
300Z100B
301Z100B
100
137
210
82
5
300Z125B
301Z125B
125
171
170
103
5
300Z150B
301Z150B
150
205
140
123
5


Similar Part No. - 300Z150A

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
300Z150A NAINA-300Z150A Datasheet
157Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
New Jersey Semi-Conduct...
300Z150A NJSEMI-300Z150A Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
More results

Similar Description - 300Z150A

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
300Z NAINA-300Z Datasheet
157Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
New Jersey Semi-Conduct...
300Z NJSEMI-300Z Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
Mean Well Enterprises C...
RPS-300 MEANWELL-RPS-300 Datasheet
1Mb / 2P
   300W Single Output Medical Type
MSP-300 MEANWELL-MSP-300 Datasheet
142Kb / 4P
   300W Single Output Medical Type
logo
Good Will Instrument Co...
PEL-3000E GWINSTEK-PEL-3000E Datasheet
805Kb / 2P
   300W
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
   300W300W Redundant Power Supply
logo
Total Power Internation...
TPSUU-300 TOTAL-POWER-TPSUU-300 Datasheet
331Kb / 2P
   300W U Bracket Type I.T.E. Power Supplies
TPIUU-300 TOTAL-POWER-TPIUU-300 Datasheet
333Kb / 2P
   300W U Bracket Type Industrial Power Supplies
logo
ETA-USA
FHF-SX ETA-USA-FHF-SX Datasheet
1Mb / 4P
   300W Open Frame
logo
SeCoS Halbleitertechnol...
SMD03 SECOS-SMD03 Datasheet
630Kb / 2P
   300W TVS DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com