Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

160-PP-314-00-001101 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 160-PP-314-00-001101
Description  DIL SOCKETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

160-PP-314-00-001101 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  160-PP-314-00-001101 Datasheet HTML 1Page - Precid-Dip Durtal SA 160-PP-314-00-001101 Datasheet HTML 2Page - Precid-Dip Durtal SA 160-PP-314-00-001101 Datasheet HTML 3Page - Precid-Dip Durtal SA 160-PP-314-00-001101 Datasheet HTML 4Page - Precid-Dip Durtal SA 160-PP-314-00-001101 Datasheet HTML 5Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIL SOCKETS
SERIES
160
160-PP-316-00-001101
2.54 mm, Solder tail, Slotted head
DIL headers with slotted head to accept wires or
component leads
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Contact
Brass CuZn36Pb3 (C36000)
Connecting pin Ø
0.5 mm
Mechanical life
Min. 100 cycles
Rated current
1 A
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Termination
Connecting pin
10
Gold 0.25 µm
Gold 0.25 µm
80
Tin
Tin
ADVANCED INFORMATION:
Order Codes
Poles
A
B
C
D
E
See
160-PP-210-00-001101
10
12.6
5.08
7.6
160-PP-304-00-001101
4
5.0
7.62
10.1
160-PP-306-00-001101
6
7.6
7.62
10.1
160-PP-308-00-001101
8
10.1
7.62
10.1
160-PP-310-00-001101
10
12.6
7.62
10.1
160-PP-312-00-001101
12
15.2
7.62
10.1
160-PP-314-00-001101
14
17.7
7.62
10.1
160-PP-316-00-001101
16
20.3
7.62
10.1
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 160-PP-314-00-001101

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
160-PP-314-00-001101 PREDIP-160-PP-314-00-001101 Datasheet
22Kb / 4P
   DIL SOCKETS
More results

Similar Description - 160-PP-314-00-001101

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-87-304-41-001101 PREDIP-110-87-304-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
150-80-316-00-006101 PREDIP-150-80-316-00-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
150-10-632-00-001101 PREDIP-150-10-632-00-001101 Datasheet
20Kb / 3P
   DIL SOCKETS
110-83-316-41-001101 PREDIP-110-83-316-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
110-83-628-41-001101 PREDIP-110-83-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-210-41-001101 PREDIP-110-87-210-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-628-41-001101 PREDIP-110-87-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
116-87-308-41-006101 PREDIP-116-87-308-41-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
151-80-314-00-004101 PREDIP-151-80-314-00-004101 Datasheet
20Kb / 4P
   DIL SOCKETS
180-80-308-00-001101 PREDIP-180-80-308-00-001101 Datasheet
21Kb / 4P
   DIL SOCKETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com