Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2025S-E2-F Datasheet(PDF) 7 Page - RICOH electronics devices division

Part # R2025S-E2-F
Description  High precision I2C-Bus Real-Time Clock Module
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2025S-E2-F Datasheet(HTML) 7 Page - RICOH electronics devices division

Back Button R2025S-E2-F Datasheet HTML 3Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 4Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 5Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 6Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 7Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 8Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 9Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 10Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 11Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
R2025S/D
7
PACKAGE DIMENSIONS
R2025S (SOP14)
#14
#7
#1
#8
10.1±0.2
0.15
0°-10°
0.35
1.27±0.1
0.1
1.24typ.
-0.05
+0.1
+0.1
-0.05
R2025D (SON22)
A
6.1±0.2
#22
#14
#1
#11
0.2±0.1
0.5±0.1
0.1
0.125+0.1/-0.05
1.3±0.1
#1
#11
#22
#14
A
B
A’
B
B
0.2
0.1
0.65
A’
0.3
0.55typ.


Similar Part No. - R2025S-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2025S RICOH-R2025S Datasheet
563Kb / 47P
   High precision I2C-Bus Real-Time Clock Module
More results

Similar Description - R2025S-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2051S01-E2-F RICOH-R2051S01-E2-F Datasheet
739Kb / 49P
   High precision I2C-Bus Real-Time Clock Module
R2025S RICOH-R2025S Datasheet
563Kb / 47P
   High precision I2C-Bus Real-Time Clock Module
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
   Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
   Real-time Clock Module (I2C Bus)
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com