Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110-PP-420-41-001101 Datasheet(PDF) 3 Page - Precid-Dip Durtal SA

Part # 110-PP-420-41-001101
Description  DIL SOCKETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

110-PP-420-41-001101 Datasheet(HTML) 3 Page - Precid-Dip Durtal SA

  110-PP-420-41-001101 Datasheet HTML 1Page - Precid-Dip Durtal SA 110-PP-420-41-001101 Datasheet HTML 2Page - Precid-Dip Durtal SA 110-PP-420-41-001101 Datasheet HTML 3Page - Precid-Dip Durtal SA 110-PP-420-41-001101 Datasheet HTML 4Page - Precid-Dip Durtal SA 110-PP-420-41-001101 Datasheet HTML 5Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL ASSISTANCE
GENERAL SPECIFICATIONS:
The values listed below are general specs applying for PRECI-DIP DIL sockets. Please see individual catalog page for additional
and product specific technical data.
Operating temperature range
-55 ... +125 °C
Climatic category (IEC)
55/125/21
Operating humidity range
annual mean 75 %
Max working voltage
100 VRMS/150 VDC
PRECI-DIP sockets are recognized by Underwriters Laboratories Inc. and listed under "Connectors for Use in Data, Signal,
Control and Power Applications", File Nr. E174442.
MECHANICAL CHARACTERISTICS:
Clip retention
Min. 40 N (no displacement under axial force applied)
Contact (sleeve / clip) retention
Min. 3.3 N acc. to MIL-DTL-83734, pt 4.6.4.2
ELECTRICAL CHARACTERISTICS:
Insulation resistance between any two adjacent contacts
Min. 10'000 M at 500 V AC
Capacitance between any two adjacent contacts
Max. 1 pF
Air and creepage distances between any two adjacent contacts
Min. 0.6 mm (Min. 0.2 mm FOR SHRINK-DIP SOCKETS)
ENVIRONMENTAL CHARACTERISTICS:
The sockets withstand the following environmental tests without mechanical and electrical defects:
- Dry heat steady state IEC 60512-11-9.11i / 60068-2-2.Bb: 125 °C, 16h
- Damp heat cyclic IEC 60512-11-12.11m / 60068-2-30.Db: 25/55 °C, 90 – 100 %rH, 1 cycle of 24 h
- Cold steady state IEC 60512-11-10.11j / 60068-2-1.A: -55 °C, 2 h
- Thermal shock IEC 60512-11-4.11d / 60068-2-14.Na: -55/125 °C, 5 cycles 30 min
- Sinusoidal vibrations IEC 60512-6-4.6d / 60068-2-6.Fc: 10 to 500 Hz, 10 g, 1 octave/min, 10 cycles for each axis
- Shock IEC 60512-6-3.6c / 60068-2-27.Ea: 50 g, 11 ms, 3 shocks in three axis
During the above two tests no contact interruption >50 ns does appear.
- Solderability J-STD-002A, Test A, 245°C, 5 s solder alloy SnAg3.8Cu0.7
- Resistance to soldering heat J-STD-0020C, 260°C, 20 s
- Moisture sensitivity J-STD-020C level 1
- Resistance to corrosion :
1) Salt spray test IEC 60068-2-11.Ka: 48 h
2) Sulfur dioxide (SO2) test IEC 60068-2-42 Kc: 96 h at 25 ppm SO2, 25 °C, 75 %rH
3) Hydrogen sulfide (H2S) test IEC 60068-2-43 Kd: 96 h at 12 ppm H2S, 25 °C, 75 %rH
SOLDERLESS COMPLIANT PRESS-FIT CHARACTERISTICS:
PRESS-FIT CHARACTERISTICS MEASURED ACC. TO IEC 60352-5
- Press-in force: 90 N max. (at min. hole dia.) / 65 N typ.
- Push-out force: 30 N min. (at max. hole dia.) / 50 N typ.
- Push-out 3rd cycle: 20 N min. (at max. hole dia.)
PCB HOLE DIMENSIONS
- 2.54 mm grid: Finished hole Ø: 1 + 0.09/-0.06 mm | Drilled hole Ø: 1.15 ± 0.02 mm
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 110-PP-420-41-001101

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-PP-420-41-001101 PREDIP-110-PP-420-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
110-PP-420-41-001101 PREDIP-110-PP-420-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
110-PP-420-41-001101 PREDIP-110-PP-420-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-PP-420-41-001101 PREDIP-110-PP-420-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-PP-420-41-001101 PREDIP-110-PP-420-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
More results

Similar Description - 110-PP-420-41-001101

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
150-80-316-00-006101 PREDIP-150-80-316-00-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
150-10-632-00-001101 PREDIP-150-10-632-00-001101 Datasheet
20Kb / 3P
   DIL SOCKETS
110-83-316-41-001101 PREDIP-110-83-316-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
110-83-628-41-001101 PREDIP-110-83-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-210-41-001101 PREDIP-110-87-210-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-628-41-001101 PREDIP-110-87-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
116-87-308-41-006101 PREDIP-116-87-308-41-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
151-80-314-00-004101 PREDIP-151-80-314-00-004101 Datasheet
20Kb / 4P
   DIL SOCKETS
160-10-316-00-001101 PREDIP-160-10-316-00-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
180-80-308-00-001101 PREDIP-180-80-308-00-001101 Datasheet
21Kb / 4P
   DIL SOCKETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com